Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 151 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 151 Page - ams AG

Back Button AS3658 Datasheet HTML 147Page - ams AG AS3658 Datasheet HTML 148Page - ams AG AS3658 Datasheet HTML 149Page - ams AG AS3658 Datasheet HTML 150Page - ams AG AS3658 Datasheet HTML 151Page - ams AG AS3658 Datasheet HTML 152Page - ams AG AS3658 Datasheet HTML 153Page - ams AG AS3658 Datasheet HTML 154Page - ams AG AS3658 Datasheet HTML 155Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
150 - 157
AS3658
Data Sheet Confidential - Register map
DCDC_CURR2
value
40
28h
00h
dcdc_curr2_current
CURR1 value
41
29h
00h
curr1_current
CURR2 value
42
2Ah
00h
curr2_current
CURR3 value
43
2Bh
00h
curr3_current
CURR4 value
44
2Ch
00h
curr4_current
DCDC_CURR3
value
45
2Dh
00h
dcdc_curr3_current
ADC idac
46
2Eh
00h
adc_idac
Interrupt Mask1 47
2Fh
FFh
LowBat_i
nt_m
ovtmp_
int_m
onkey_
int_m
chdet_
int_m
usb_chd
et_
int_m
charging
_tmax_i
nt_m
cheoc_i
nt_m
chstate_
int_m
Interrupt Mask2 48
30h
FFh
stpup1_i
nt_m
bat_tem
p_m
hphcurr_
int_m
dig2_lv_i
nt_m
dig1_lv_i
nt_m
sd3_lv_i
nt_m
sd2_lv_i
nt_m
sd1_lv_i
nt_m
Interrupt Mask3 49
31h
FFh
-
voxm_in
t_m
mic_rem
_int_m
mic_con
_int_m
rtc_rep_i
nt_m
rtc_alar
m_int_m
dig4_lv_i
nt_m
dig3_lv_i
nt_m
Interrupt
Status1
50
32h
NA
LowBat_i ovtmp_i
onkey_i
chdet_i
usb_chd
et_i
charging
_tmax_i
cheoc_i
chstate_
i
Interrupt
Status2
51
33h
NA
stpup1_i
bat_tem
p_i
hphcurr_
i
dig2_lv_i dig1_lv_i sd3_lv_i sd2_lv_i sd1_lv_i
Interrupt
Status3
52
34h
NA
-
voxm_i
mic_rem
_i
mic_con
_i
rtc_rep_i
rtc_alar
m_i
dig4_lv_i dig3_lv_i
Low voltage
Status1
53
35h
NA
stpup1_d
et
stpup1_
oc
dig2_lv
dig1_lv
sd3_lv
sd2_lv
sd1_lv
Low voltage
Status2
54
36h
NA
bat_high
temp
bat_lowt
emp
dcdc_cu
rr3_lv
dcdc_cu
rr2_lv
dcdc_cu
rr1_lv
dig4_lv
dig3_lv
GPIO Signal
55
37h
NA
gpio4_in gpio3_in gpio2_in gpio1_in
gpio4
gpio3
gpio2
gpio1
PWM
Frequency
Control High
Time
56
38h
00h
pwm_h_time
PWM
Frequency
Control Low
Time
57
39h
00h
pwm_l_time
CURR control
58
3Ah
00h
pwm_div
dcdc_curr3_ctrl
dcdc_curr2_ctrl
dcdc_curr1_ctrl
References
Control
59
3Bh
0ch
Reg_low
_bias_m
ode
clk_div2
standby
_mode_
on
clk_int
low_pow
er_on
Watchdog
Control
60
3Ch
02h
wtdg_tri
gger
wtdg_re
s_on
wtdg_on
Watchdog_min
Timer
61
3Dh
00h
wtdg_min_timer
Watchdog_max
Timer
62
3Eh
FFh
wtdg_max_timer
Watchdog
Software Signal
63
3Fh
00h
wtdg_
sw_sig
Table 186. Register Map
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com