Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 152 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 152 Page - ams AG

Back Button AS3658 Datasheet HTML 148Page - ams AG AS3658 Datasheet HTML 149Page - ams AG AS3658 Datasheet HTML 150Page - ams AG AS3658 Datasheet HTML 151Page - ams AG AS3658 Datasheet HTML 152Page - ams AG AS3658 Datasheet HTML 153Page - ams AG AS3658 Datasheet HTML 154Page - ams AG AS3658 Datasheet HTML 155Page - ams AG AS3658 Datasheet HTML 156Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
151 - 157
AS3658
Data Sheet Confidential - Register map
RTCSecond
64
40h
00h
second<7:0>
RTCMinute1
65
41h
00h
minute<7:0>
RTCMinute2
66
42h
00h
minute<15:8>
RTCMinute3
67
43h
00h
minute<23:16>
RTCAlarmSeco
nd
68
44h
3Fh
alarmsecond<7:0>
RTCAlarmMinu
te1
69
45h
FFh
alarmminute<7:0>
RTCAlarmMinu
te2
70
46h
FFh
alarmminute<15:8>
RTCAlarmMinu
te3
71
47h
FFh
alarmminute<23:16>
RTCT
72
48h
00h
rtc_irq_
mode
rtc_tbc<6:0>
SRAM
73
49h
00h
sram<7:0>
Audio Set1
74
4Ah
00h
equ_on
mclk256
mclk_inv
ert
aud_ldo
_on
gnd_sw
_on
mix_on
dac_on
lin_on
Audio Set2
75
4Bh
00h
I2S_mclk
_en
I2S_sele
ct
ibr_hph
I2S_3_o
n
dith_on
ibr_dac
Audio Set3
76
4Ch
00h
linmix_of
f
micmix_
off
dacmix_
off
agc_off
mic_on
voxm_o
n
hp_pulld
_en
pll_mod
e
DAC_L
77
4Dh
00h
dac_mut
e_off
dal_vol
DAC_R
78
4Eh
00h
dar_vol
ADC_L
79
4Fh
00h
ad_fs2
adc_mut
_off
adc_on
adl_vol
ADC_R
80
50h
00h
adcmux
adc2dac
adr_vol
HPH out R
81
51h
00h
hp_ovc_to
hpcm_of
f
hpr_vol
HPH out L
82
52h
00h
hp_mute
hp_on
hp_mux
hpl_vol
Line out R
83
53h
00h
ibr_line
liner_vol
Line out L
84
54h
00h
line_mut
e
line_on
dac2line
_on
linel_vol
LINE_IN_R
85
55h
00h
mute_mi
c_sf
mute_off
_inr
lir_vol
LINE_IN_L
86
56h
00h
mute_off
_inl
lil_vol
MIC_R
87
57h
00h
mic_agc
_off
pre_gain
mr_vol
MIC_L
88
58h
00h
msup_off
mute_off
_d
rdet_off
ml_vol
SPDIF
89
59h
00h
audio_off
sclk_inv
ert
sdo3_se
lect
spdif_co
py_ok
spdif_m
clk_inv
spdif_inv
alid
spdif_cntr
EQ_LP
90
5Ah
00h
eq_lp_gain
Table 186. Register Map
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com