Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 66 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 66 Page - ams AG

Back Button AS3911 Datasheet HTML 62Page - ams AG AS3911 Datasheet HTML 63Page - ams AG AS3911 Datasheet HTML 64Page - ams AG AS3911 Datasheet HTML 65Page - ams AG AS3911 Datasheet HTML 66Page - ams AG AS3911 Datasheet HTML 67Page - ams AG AS3911 Datasheet HTML 68Page - ams AG AS3911 Datasheet HTML 69Page - ams AG AS3911 Datasheet HTML 70Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 149 page
background image
AS3911 – 66
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
Mode Definition Register
Figure 43:
Mode Definition Register
Note:
Default setting is set at power-up and after Set Default command.
Figure 44:
Initiator Operation Modes
Note:
In case an operation mode which is not supported is selected, the Tx/Rx operation is disabled.
Address 03h: Mode Definition Register
Type: RW
Bit
Name
Default
Function
Comments
7targ
0
0: Initiator
1: Target
6om3
0
Refer to Initiator Operation
Modes and Target Operation
Modes
Selection of operation mode.
Different for initiator and
target mode.
5om2
0
4om1
0
3om0
1
20
10
0nfc_ar
0
Automatic start of Response
RF Collision Avoidance
sequence
Initiator Operation Modes
om3
om2
om1
om0
Comment
0
0
0
0
NFCIP-1 active communication
0
0
0
1
ISO14443A
0
0
1
0
ISO14443B
00
1
1
FeliCa
0
1
0
0
NFC Forum Type 1 Tag (Topaz)
1
1
1
0
Sub-carrier stream mode
11
1
1
BPSK stream mode
Other combinations
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com