Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 107 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 107 Page - ams AG

Back Button AS3911 Datasheet HTML 103Page - ams AG AS3911 Datasheet HTML 104Page - ams AG AS3911 Datasheet HTML 105Page - ams AG AS3911 Datasheet HTML 106Page - ams AG AS3911 Datasheet HTML 107Page - ams AG AS3911 Datasheet HTML 108Page - ams AG AS3911 Datasheet HTML 109Page - ams AG AS3911 Datasheet HTML 110Page - ams AG AS3911 Datasheet HTML 111Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 107
Appl icatio n I n f o rm a t i o n
Capacitive Sensor Display Register
Figure 98:
Capacitive Sensor Display Register
Note:
At power-up and after Set Default command, content of this register is set to 0.
Auxiliary Display Register
Figure 99:
Auxiliary Display Register
Note:
At power-up and after Set Default command, content of this register is set to 0.
Address 2Fh: Capacitive Sensor Display Register
Type: R
Bit
Name
Default
Function
Comments
7cs_cal4
Capacitive Sensor calibration
value
Binary weighted, step 0.1 pF,
max 3.1 pF
6cs_cal3
5cs_cal2
4cs_cal1
3cs_cal0
2cs_cal_end
1: Calibration ended
1cs_cal_err
1: Calibration error
0
Address 30h: Auxiliary Display Register
Type: R
Bit
Name
Default
Function
Comments
7a_cha
0: AM
1: PM
Currently selected channel
6
efd_o
External Field Detector output
5tx_on
1: Transmission is active
4
osc_ok
1: X-tal oscillation is stable
Indication that x-tal oscillator is
active and its output is stable
3rx_on
1: Receive coder is enabled
2rx_act
1: Receive coder is receiving a message
1nfc_t
1: External Field Detector is active in
peer detection mode
0en_ac
1: External Field Detector is active in RF
collision avoidance mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com