Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 12 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 12 Page - ams AG

Back Button AS5030_07 Datasheet HTML 8Page - ams AG AS5030_07 Datasheet HTML 9Page - ams AG AS5030_07 Datasheet HTML 10Page - ams AG AS5030_07 Datasheet HTML 11Page - ams AG AS5030_07 Datasheet HTML 12Page - ams AG AS5030_07 Datasheet HTML 13Page - ams AG AS5030_07 Datasheet HTML 14Page - ams AG AS5030_07 Datasheet HTML 15Page - ams AG AS5030_07 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
12 - 44
AS5030
Datasheet - Detailed Descr i p ti on
Figure 4. SSI Read/Write Serial Data Transmission
Figure 5. Timing Diagram in 3-wire SSI R/W Mode
Table 3. Serial Bit Sequence (16-bit read/write)
Write Command
Read / Write Data
C4
C3
C2
C1
C0
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
AS5030
Micro
Controller
100 n
CS
CLK
DI O
+5 V
VDD
VSS
VSS
C 2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
I/O
Output
Output
CMD3
CMD0
CLK
CS
DIO
D15
t5
t3
t4
t6
t9
command phase
data phase
D14
D0
t10
DIO
DIO write
t1
DIO read
12
3
4
567
21
20
CMD4
D1
t7 t8
t CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com