Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 26 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 26 Page - ams AG

Back Button AS5030_07 Datasheet HTML 22Page - ams AG AS5030_07 Datasheet HTML 23Page - ams AG AS5030_07 Datasheet HTML 24Page - ams AG AS5030_07 Datasheet HTML 25Page - ams AG AS5030_07 Datasheet HTML 26Page - ams AG AS5030_07 Datasheet HTML 27Page - ams AG AS5030_07 Datasheet HTML 28Page - ams AG AS5030_07 Datasheet HTML 29Page - ams AG AS5030_07 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
26 - 44
AS5030
Datasheet - Application In formatio n
8.3 OTP Programming Connection
Programming of the AS5030 OTP memory does not require a dedicated programming hardware. The programming can be simply accomplished
over the serial 3-wire interface (see Figure 22) or the optional 2-wire interface (see Figure 8).
For permanent programming (command PROG OTP, #19H), a constant DC voltage of 8.0V ~ 8.5V (≥100mA) must be connected to pin #2
(PROG).
For temporary OTP write (“soft write”; command WRITE OTP, #1FH), the programming voltage is not required.
To secure unintentional programming, any modification of the OTP memory is only enabled after a special password (command #10H) has been
sent to the AS5030.
Figure 22. OTP Programming Connection
8.3.1 Programming in Daisy Chain Mode
Programming in Daisy chain mode is possible for both 3-wire and 2-wire mode (see Figure 17 and Figure 19). For temporary programming (soft
write), no additional connections are required. Programming is executed with the respective programming commands. For permanent
programming, the programming voltage must be applied on pin#2 (PROG) of the device to be programmed. It is also possible to apply the
programming voltage simultaneously to all devices, as the actual programming is only executed by a software command.
A parallel connection of all PROG-pins allows digital programming verification but does not allow analog programming verification.
If analog programming verification is required, each PROG pin must be selected individually for verification.
100n
CS
CLK
DI O
+5 V
VDD
VSS
VSS
C 2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
I/O
Output
Output
8. 0 – 8.5V
PROG
2
10µF 100n
Micro
Controller
AS5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com