Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 18 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 18 Page - ams AG

Back Button AS5030_07 Datasheet HTML 14Page - ams AG AS5030_07 Datasheet HTML 15Page - ams AG AS5030_07 Datasheet HTML 16Page - ams AG AS5030_07 Datasheet HTML 17Page - ams AG AS5030_07 Datasheet HTML 18Page - ams AG AS5030_07 Datasheet HTML 19Page - ams AG AS5030_07 Datasheet HTML 20Page - ams AG AS5030_07 Datasheet HTML 21Page - ams AG AS5030_07 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
18 - 44
AS5030
Datasheet - Detailed Descri p ti on
7.8 Analog Output
This configuration is similar to the PWM connection (only three lines including supply are required). With the addition of a low-pass filter at the
PWM output, this configuration produces an analog voltage that is proportional to the angle.
This filter can be either passive (as shown) or active. The lower the bandwidth of the filter, the less ripple of the analog output can be achieved.
If the AS5030 angular data is invalid, the PWM output will remain at low state and thus the analog output will be 0V. Pins that are not shown may
be left open.
Note:
The PWM output is invalid when the AGC is disabled.
Figure 14. Data Transmission with Pulse Width Modulated (PWM) Output
Figure 15. Relation of PWM/Analog Output With Angle
100n
CS
PWM
+5 V
VDD
VSS
C2
VDD
13
11
16
15
C1
VSS
3
14
>=4k7
>=4k7
>=1µF
>=1µF
Analog
out
AS5030
0°
180°
360°
Angle
0V
5V
PWMout
Analog out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com