Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 31 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 31 Page - ams AG

Back Button AS5030_07 Datasheet HTML 27Page - ams AG AS5030_07 Datasheet HTML 28Page - ams AG AS5030_07 Datasheet HTML 29Page - ams AG AS5030_07 Datasheet HTML 30Page - ams AG AS5030_07 Datasheet HTML 31Page - ams AG AS5030_07 Datasheet HTML 32Page - ams AG AS5030_07 Datasheet HTML 33Page - ams AG AS5030_07 Datasheet HTML 34Page - ams AG AS5030_07 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
31 - 44
AS5030
Datasheet - Application In formatio n
8.7.1 Low Power Mode and Ultra-low Power Mode
Figure 25. Low Power Mode and Ultra-low Power Mode Connection
The AS5030 can be put in Low Power Mode or Ultra-low Power Mode by simple serial commands, using the regular connection for 2-wire or 3-
wire serial data transmission (see Figure 4 and Figure 8).
The required serial command is SET PWR MODE (11H):
Note:
After returning from Low Power mode or Ultra-low Power mode to normal operation (PSM = 0), if the Hysteresis is enabled (Hys=0), a
general reset must be performed: set bit RST and then clear bit RST using command 15H.
The two following cases describe the typical loop programmed in the software:
Hys = 0. (1 LSB hysteresis)
1. Wait for CPU interrupt or delay for next angle read (typ. <3ms in LP mode, typ>3ms in ULP mode)
2. Wake up (PSM = 0)
3. Set Reset (rst = 1)
4. Clear Reset (rst = 0)
5. Wait 1.5ms (Low Power Mode)
6. Check if Lock = 1 then read angle
7. Enable Low Power Mode or Ultra-low Power Mode (PSM=1)
8. Return to 1
ULP / LPn
PSM
Mode
0
0
Normal operation
0
1
Low Power Mode
1
0
Normal operation
1
1
Ultra-low Power Mode
AS5030
Micro
Controller
100n
CS
CLK
DIO
+5V
VDD
VSS
VSS
VSS
VDD
VDD
on/off
S
N
ton
toff
Ion
Ioff
C1 C2
R1: optional;
see text
C1:
optional;
see text



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com