Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 20 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 20 Page - ams AG

Back Button AS5030_07 Datasheet HTML 16Page - ams AG AS5030_07 Datasheet HTML 17Page - ams AG AS5030_07 Datasheet HTML 18Page - ams AG AS5030_07 Datasheet HTML 19Page - ams AG AS5030_07 Datasheet HTML 20Page - ams AG AS5030_07 Datasheet HTML 21Page - ams AG AS5030_07 Datasheet HTML 22Page - ams AG AS5030_07 Datasheet HTML 23Page - ams AG AS5030_07 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
20 - 44
AS5030
Datasheet - Detailed Descri p ti on
7.10 3-Wire Daisy Chain Mode
The Daisy Chain mode allows connection of more than one AS5030 to the same controller interface. Independent of the number of connected
devices, the interface to the controller remains the same with only three signals: CSn, CLK and DO. In Daisy Chain mode, the data from the
second and subsequent devices is appended to the data of the first device.
The 100nF buffer cap at the supply (shown only for the last device) is recommended for all devices.
The total number of serial bits is: n*21, where n is the number of connected devices: e.g. for 2 devices, the serial bit stream is 42bits. For three
devices it is 63 bits.
Figure 17. Connection of Devices in 3-wire Daisy Chain Mode
Figure 18. Timing Diagram in 3-wire Daisy Chain Mode
#1
100n
CS
CLK
DIO
+5 V
VDD
VSS
VSS
C2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
I/O
Output
Output
DX
#2
CS
CLK
DIO
C2
VDD
13
11
10
12
15
C1
VSS
3
14
DX
(last device)
CS
CLK
DIO
C2
VDD
13
11
10
12
15
C1
VSS
3
14
DX
AS5030
AS5030
AS5030
Micro
Controller
CLK
CS
AS5030 #1
CMD 3
DIO
12
3
4
56
78
CMD1
CMD 2
CMD0
D15
D14
D13
CMD 4
CMD 3
20
21
22
23
24
25
26
CMD 1
CMD 2
CMD 0
D 15
D14
D 13
CMD4
27
28
29
D0
CMD 3
41
42
43
44
CMD2
CMD 4
D0
AS5030 #2
AS5030 #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com