Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 17 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 17 Page - ams AG

Back Button AS5030_07 Datasheet HTML 13Page - ams AG AS5030_07 Datasheet HTML 14Page - ams AG AS5030_07 Datasheet HTML 15Page - ams AG AS5030_07 Datasheet HTML 16Page - ams AG AS5030_07 Datasheet HTML 17Page - ams AG AS5030_07 Datasheet HTML 18Page - ams AG AS5030_07 Datasheet HTML 19Page - ams AG AS5030_07 Datasheet HTML 20Page - ams AG AS5030_07 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
17 - 44
AS5030
Datasheet - Detailed Descri p ti on
The minimum PWM pulse width tON (PWM = high) is 1 LSB @ 0° (Angle reading = 00H).
1LSB = nom. 2.26µs.
The PWM pulse width increases with 1LSB per step. At the maximum angle 358.6° (Angle reading = FFH),
the pulse width tON (PWM = high) is 256 LSB and the pause width tOFF (PWM = low) is 1 LSB.
This leads to a total period (tON + tOFF) of 257LSB.
This means that the PWM pulse width is (position + 1) LSB, where position is 0….255.
The tolerance of the absolute pulse width and -frequency can be eliminated by calculating the angle with the duty cycle rather than with the
absolute pulse width:
(EQ 1)
results in an 8-bit value from 00H to FFH,
(EQ 2)
results in a degree value from 0° ~ 358.6°
Note:
The absolute frequency tolerance is eliminated by dividing tON by (tON+TOFF), as the change of the absolute timing effects both TON
and TOFF in the same way.
Table 6. SSI Read-only Serial Bit Sequence (21-bit read)
Position
Angle
High
t_high
Low
t_low
Duty-Cycle
0
0°
1
2.26µs
256
578.56µs
0.39%
127
178.59
128
287.02µs
129
291.54µs
49.4%
128
180°
129
291.54µs
128
287.02µs
50.2%
255
358.59°
256
578.56µs
1
2.26µs
99.6%
0
128
255
Position
2. 26 µs
291. 54 µs
578. 56 µs
2. 26 µs
287. 02 µs
578. 56 µs
ton
toff
0V
5V
PWM out
[]
1
257
8
−


+
=
−
OFF
ON
ON
t
t
t
bit
angle
[]
−


+
=
°
1
257
256
360
OFF
ON
ON
t
t
t
angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com