Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 15 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 15 Page - ams AG

Back Button AS5030_07 Datasheet HTML 11Page - ams AG AS5030_07 Datasheet HTML 12Page - ams AG AS5030_07 Datasheet HTML 13Page - ams AG AS5030_07 Datasheet HTML 14Page - ams AG AS5030_07 Datasheet HTML 15Page - ams AG AS5030_07 Datasheet HTML 16Page - ams AG AS5030_07 Datasheet HTML 17Page - ams AG AS5030_07 Datasheet HTML 18Page - ams AG AS5030_07 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
15 - 44
AS5030
Datasheet - Detailed Descri p ti on
7.5 Serial 2-Wire Continuous Readout
The termination of each readout sequence by a timeout of CLK after the 22
nd clock pulse as described in Serial 2-Wire Connection (R/W Mode)
is the safest method to ensure synchronization, as each timeout of CLK resets the serial interface.
However, it is not mandatory to apply a timeout of CLK and consequently synchronization after each reading. It is also possible to read several
consecutive angle values without synchronization by simply continuing the CLK pulses without timeout after the 22
nd clock. The 23rd clock is
equal to the 1
st clock of the next measurement, etc.
This is the fastest way to read multiple angle values, as there is no timeout period between the readings. It is still possible to synchronize the
serial data transmission by a timeout of CLK after a given number of readouts (e.g. synchronize after every 5
th reading, etc.)
Figure 10. Timing Diagram in 2-wire SSI Continuous Readout
7.6 Serial 2-Wire Differential SSI Connection
With the addition of a RS-422 / RS-485 transceiver, a fully differential data transmission, according to the 21-bit SSI interface standard is
possible. To be compatible with this standard, the CLK signal must be inverted. This is done by reversing the Data+ and Data- lines of the
transceivers.
Note:
This type of transmission is read-only.
Figure 11. 2-wire SSI Read-only Mode
CMD4
CLK
CS
DIO read
t0
t6
command phase
data phase
DIO write
t1
1
2
3
4
567
22
DX
8
CMD2
CMD3
CMD 1
CMD0
D15
D14
D0
t5
23
24
25
CMD 4
CMD2
CMD 3
1st reading
2nd reading
command phase
100n
CS
CLK
DI O
+5 V
VDD
VSS
VSS
C2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
Input
Output
DX
9
CLK
DI
D+
D-
D+
D-
MAX 3081 or similar
D+
D-
D-
D+
Micro
Controller
AS5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com