Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 27 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 27 Page - ams AG

Back Button AS5030_07 Datasheet HTML 23Page - ams AG AS5030_07 Datasheet HTML 24Page - ams AG AS5030_07 Datasheet HTML 25Page - ams AG AS5030_07 Datasheet HTML 26Page - ams AG AS5030_07 Datasheet HTML 27Page - ams AG AS5030_07 Datasheet HTML 28Page - ams AG AS5030_07 Datasheet HTML 29Page - ams AG AS5030_07 Datasheet HTML 30Page - ams AG AS5030_07 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
27 - 44
AS5030
Datasheet - Application In formatio n
8.4 Programming Verification
After programming, the programmed OTP bits may be verified in two ways:
- By digital verification:
this is simply done by sending a READ OTP command (#0FH). The structure of this register is the same as for the OTP PROG or OTP WRITE
commands.
- By analog verification:
By sending an ANALOG OTP READ command (#09H), pin PROG becomes an output, sending an analog voltage with each clock, representing
a sequence of the bits in the OTP register. A voltage of <500mV indicates a correctly programmed bit (“1”) while a voltage level between 2.2V
and 3.5V indicates a correctly unprogrammed bit (“0”). Any voltage level in between indicates improper programming.
Figure 23. Analog OTP Verification
8.5 AS5030 Status Indicators
Refer to 16-bit Read Command on page 23.
8.5.1 C2 Status Bit
This bit represents the hardware connection of the C2 configuration pin (#15) to determine, which hardware configuration is selected for the
AS5030 in question.
C2 = low: pin C2 is ‘low’, indicating that the AS5030 is in 3-wire mode or a member of a 2-wire daisy chain connection (except the last)
C2 = high: pin C2 is ‘high’, indicating that the AS5030 is in 2-wire mode and/or the last member of a 2-wire daisy chain connection
8.5.2 Lock Status Bit
The Lock signal indicates the ADC lock status. If Lock = low (ADC unlocked), the angle information is invalid.
To determine a valid angular signal at best performance, the following indicators should be set:
Lock = 1
AGC > 00H and < 2FH
Note:
The angle signal may also be valid (Lock = 1), when the AGC is out of range (00H or 2FH), but the accuracy of the AS5030 may be
reduced due to the out of range condition of the magnetic field strength.
100n
CS
CLK
DI O
+5 V
VDD
VSS
VSS
C 2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
I/O
Output
Output
PROG
2
V
Micro
Controller
AS5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com