Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 14 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 14 Page - ams AG

Back Button AS5030_07 Datasheet HTML 10Page - ams AG AS5030_07 Datasheet HTML 11Page - ams AG AS5030_07 Datasheet HTML 12Page - ams AG AS5030_07 Datasheet HTML 13Page - ams AG AS5030_07 Datasheet HTML 14Page - ams AG AS5030_07 Datasheet HTML 15Page - ams AG AS5030_07 Datasheet HTML 16Page - ams AG AS5030_07 Datasheet HTML 17Page - ams AG AS5030_07 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
14 - 44
AS5030
Datasheet - Detailed Descri p ti on
7.4 Serial 2-Wire Connection (R/W Mode)
By connecting the configuration input C2 to VDD, the AS5030 is configured to 2-wire data transmission mode.
Only Clock (CLK) and Data (DIO) signals are required. A Chip Select (CS) signal is automatically generated by the DX output, when a time-out
of CLK occurs (typ. 20µs).
Note:
Read-only mode is also possible in this configuration.
Figure 8. SSI R/W Mode 2-wire Data Transmission
Figure 9. Timing Diagram in 2-wire SSI Mode
100n
CS
CLK
DI O
+5 V
VDD
VSS
VSS
C2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
I/O
Output
DX
9
AS5030
Micro
Controller
CMD4
CLK
CS
DIO read
t0
t6
command phase
data phase
DIO write
t1
12
3
4
5
6
7
22
DX
8
wait cycle
(> 500 ns)
CMD2
CMD3
CMD1
CMD0
D15
D14
D0
t5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com