Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 16 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 16 Page - ams AG

Back Button AS5030_07 Datasheet HTML 12Page - ams AG AS5030_07 Datasheet HTML 13Page - ams AG AS5030_07 Datasheet HTML 14Page - ams AG AS5030_07 Datasheet HTML 15Page - ams AG AS5030_07 Datasheet HTML 16Page - ams AG AS5030_07 Datasheet HTML 17Page - ams AG AS5030_07 Datasheet HTML 18Page - ams AG AS5030_07 Datasheet HTML 19Page - ams AG AS5030_07 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
16 - 44
AS5030
Datasheet - Detailed Descri p ti on
Figure 12. Timing Diagram in 2-wire Read only Mode (differential transmission)
7.7 1-Wire PWM Connection
This configuration uses the least number of wires: only one line (PWM) is used for data, leaving the total number of connection to three, including
the supply lines. This type of configuration is especially useful for remote sensors.
Ultra-low Power Mode is not possible in this configuration, as there is no bi-directional data transmission.
If the AS5030 angular data is invalid, the PWM output will remain at low state. Pins that are not shown may be left open.
Note that the PWM output is invalid when the AGC is disabled.
Figure 13. Data Transmission with Pulse Width Modulated (PWM) Output
Table 5. SSI Read-only Serial Bit Sequence (21bit read)
Read
D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
C2
lock
AGC
Angle
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
12
3
4
5
6
78
D14
D1
21
20
DI
CLK
D15
D0
tTO
timeout
100 n
CS
PWM
+5 V
VDD
VSS
VSS
C 2
VDD
VDD
13
11
16
15
C1
VSS
3
14
Input
Micro
Controller
AS5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com