Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 32 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 32 Page - ams AG

Back Button AS5030_07 Datasheet HTML 28Page - ams AG AS5030_07 Datasheet HTML 29Page - ams AG AS5030_07 Datasheet HTML 30Page - ams AG AS5030_07 Datasheet HTML 31Page - ams AG AS5030_07 Datasheet HTML 32Page - ams AG AS5030_07 Datasheet HTML 33Page - ams AG AS5030_07 Datasheet HTML 34Page - ams AG AS5030_07 Datasheet HTML 35Page - ams AG AS5030_07 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
32 - 44
AS5030
Datasheet - Application In formatio n
Hys = 1. (No hysteresis)
1. Wait for CPU interrupt or delay for next angle read (typ. <3ms in LP mode, typ>3ms in ULP mode)
2. Wake up (PSM = 0)
3. Wait 0.01ms (Low Power Mode)
4. Check if Lock = 1 then read angle
5. Enable Low Power Mode or Ultra-low Power Mode (PSM=1)
6. Return to 1
The difference between Low Power Mode and Ultra-low Power Mode is the current consumption and the wake-up time to switch back to active
operation.
In both Reduced Power Modes, the AS5030 is inactive. The last state, e.g. the angle, AGC value, etc. is frozen and the chip starts from this
frozen state when it resumes active operation. This method provides much faster start-up than a “cold start” from zero. If the AS5030 is cycled
between active and reduced current mode, a substantial reduction of the average supply current can be achieved. The minimum dwelling time in
active mode is the wake-up time. The actual active time depends on how much the magnet has moved while the AS5030 was in reduced power
mode. The angle data is valid, when the status bit LOCK has been set. Once a valid angle has been measured, the AS5030 can be put back to
reduced power mode. The average power consumption can be calculated as:
(EQ 6)
sampling interval = ton + toff
Where:
Iavg average current consumption
Iactive: current consumption in active mode
Ipower_down:current consumption in reduced power mode
ton:time period during which the chip is operated in active mode
toff: time period during which the chip is in reduced power mode
Example: Ultra-low Power Mode; sampling period = one measurement every 10ms.
System constants = Iactive = 14mA, Ipower_down = 30µA, ton(min) = 500µs (startup from Ultra-low Power Mode):
(EQ 7)
See Figure 27 for an overview table of the average current consumption in the various reduced power modes.
Reducing Power Supply Peak Currents.
An optional RC-filter (R1/C1) may be added to avoid peak currents in the power supply line when the AS5030 is toggled between active and
reduced power mode. R1 must be chosen such that it can maintain a VDD voltage of 4.5V ~ 5.5V under all conditions, especially during long
active periods when the charge on C1 has expired. C1 should be chosen such that it can support peak currents during the active operation
period. For long active periods, C1 should be large and R1 should be small.
Mode
Current Consumption
(typ.)
Wake-up Time to Active
Operation
Active operation
14 mA
1.0 ms (without AGC)
3.8 ms (with locked AGC)
Low Power Mode
1.4 mA
0.15 ms
Ultra-low Power Mode
30 µA
0.5 ms
off
on
off
down
power
on
active
avg
t
t
t
I
t
I
I
+
∗
+
∗
=
_
A
ms
s
ms
A
s
mA
I
avg
μ
μ
μ
μ
729
5
,
9
500
5
,
9
*
30
500
14
=
+
+
∗
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com