Electronic Components Datasheet Search
  English  ▼

X  

AFE032 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 14Page - Texas Instruments AFE032 Datasheet HTML 15Page - Texas Instruments AFE032 Datasheet HTML 16Page - Texas Instruments AFE032 Datasheet HTML 17Page - Texas Instruments AFE032 Datasheet HTML 18Page - Texas Instruments AFE032 Datasheet HTML 19Page - Texas Instruments AFE032 Datasheet HTML 20Page - Texas Instruments AFE032 Datasheet HTML 21Page - Texas Instruments AFE032 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
C
=
IN
1
2
18 k
f
´ p
W
HP
´
´
Inside the Device
Power Amplifier
TSENSE
PA_IN
PA_VS1,
PA_VS2,
PA_VS3
PA_ISET
PA_OUT1,
PA_OUT2
PA_GND1,
PA_GND2,
PA_GND3
Optional
RSET
47 PF
100 nF
PA Supply
CIN
17 k:
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
Connecting the PA in a typical power line communication (PLC) application requires few additional components.
Figure 13 shows the typical connections to the PA block.
Figure 13. Typical Connections to the PA
The external capacitor (CIN) introduces a single-pole, high-pass characteristic to the PA transfer function. The CIN
and PA combination has a band-pass response because of the inherent low-pass transfer function from the PA.
The value of the high-pass cutoff frequency is determined by CIN reacting with the input resistance of the PA
circuit, and can be determined by Equation 1:
where:
•
CIN = external input capacitor and
•
fHP = desired high-pass cutoff frequency.
(1)
For example, setting CIN to 3.3 nF results in a high-pass cutoff frequency of 2.9 kHz. The voltage rating for CIN
should be determined to withstand operation up to the PA power-supply voltage.
When the transmitter is not in use, the output can be disabled and placed in a high-impedance state by following
the procedure outlined in the Power Amplifier Enable Sequence section.
Refer to the Initialization Sequence and Power Amplifier Enable Sequence sections for details on the proper
sequence when enabling the power amplifier.
18
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com