Electronic Components Datasheet Search
  English  ▼

X  

AFE032 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 40 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 36Page - Texas Instruments AFE032 Datasheet HTML 37Page - Texas Instruments AFE032 Datasheet HTML 38Page - Texas Instruments AFE032 Datasheet HTML 39Page - Texas Instruments AFE032 Datasheet HTML 40Page - Texas Instruments AFE032 Datasheet HTML 41Page - Texas Instruments AFE032 Datasheet HTML 42Page - Texas Instruments AFE032 Datasheet HTML 43Page - Texas Instruments AFE032 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
Table 15. REG_FLAG_CTL Register (Address = 01h)
7
6
5
4
3
2
1
0
DIG_ERR
IFLAG mask
TFLAG mask
Reserved
mask
R/W
R/W
R/W
R
LEGEND: R/W = read and write; R = read-only.
Bit 7
IFLAG mask
Software asserts this bit to prevent the current-limit interrupt from commanding the INT external pin. The current
limit event still asserts the IFLAG_INT bit on the REG_AFE_STATUS register.
0 = Do not mask
1 = Mask IFLAG_INT (default)
Bit 6
TFLAG mask
Software asserts this bit to prevent the overtemperature interrupt from commanding the INT external pin. The
overtemperature event still asserts the TFLAG_INT bit on the REG_AFE_STATUS register.
0 = Do not mask
1 = Mask TFLAG_INT (default)
Bit 5
DIG_ERR mask
Software asserts this bit to prevent the digital error status bits from commanding the INT external pin. Any digital
errors can still be read in the REG_DIG_ERROR register.
0 = Do not mask
1 = Mask digital errors (default)
Bits[4:0]
Reserved
These bits are reserved.
Default = 0.
Table 16. RESERVED Register (Address = 02h)
7
6
5
4
3
2
1
0
Reserved
R
LEGEND: R = read-only.
This register is reserved. Default = 7Fh
40
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com