Electronic Components Datasheet Search
  English  ▼

X  

AFE032 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 68 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 64Page - Texas Instruments AFE032 Datasheet HTML 65Page - Texas Instruments AFE032 Datasheet HTML 66Page - Texas Instruments AFE032 Datasheet HTML 67Page - Texas Instruments AFE032 Datasheet HTML 68Page - Texas Instruments AFE032 Datasheet HTML 69Page - Texas Instruments AFE032 Datasheet HTML 70Page - Texas Instruments AFE032 Datasheet HTML 71Page - Texas Instruments AFE032 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
FILTER
DAC
DIGITAL
INTERFACE
(SPI)
DVDD
DGND
AVDD1
AGND1
GPIO
SCLK
DIN
DOUT
DAC
SD
INT
TX PGA
RX PGA1
RX PGA2
AFE032
POWER
AMPLIFIER
ZC_OUT2
ZC_OUT3
TSENSE
DNC
TX_RX_NRF
RX PGA1 IN
TX_PGA_IN
XCLK
ZC_IN3
PA ISET
10 PF
3.3 V
33 k:
3.3 V
10 nF
10 PF
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
DSP
PATH
DNC
2.2 nF
RX_PGA2_OUT
CS
4.7 nF
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
45
43
40
39
38
42
41
48
47
46
44
AGND2
AVDD2
DNC
GPIO
GPIO
33 k:
18 V
10 nF
100 nF
47 PF
10 nF
100 nF
10 nF
4.7 nF
330 :
ADC IN
100 k: 100 k:
3.3 V
100 k:
100 k:
1
P+
10 PF
100 nF
100 :
27
P+
1 nF
4.7 :
2.2 nF
1 k:
1 m
+
3.3 V
470 nF
600 n
+
TMS320F28x
33 k:
3.3 V
TVS
10 nF
CONNECTION TO
POWER LINE
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
TYPICAL APPLICATION SCHEMATIC
A schematic for a typical application is provided in Figure 35.
Figure 35. Typical Application with Transformer Coupling
PACKAGING AND MECHANICALS
Complete mechanical drawings and packaging information are appended to the end of this data sheet.
68
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com