Electronic Components Datasheet Search
  English  ▼

X  

AFE032 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 15 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 11Page - Texas Instruments AFE032 Datasheet HTML 12Page - Texas Instruments AFE032 Datasheet HTML 13Page - Texas Instruments AFE032 Datasheet HTML 14Page - Texas Instruments AFE032 Datasheet HTML 15Page - Texas Instruments AFE032 Datasheet HTML 16Page - Texas Instruments AFE032 Datasheet HTML 17Page - Texas Instruments AFE032 Datasheet HTML 18Page - Texas Instruments AFE032 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
-20
-15
-10
-5
0
5
10
15
20
10k
100k
1M
10M
100M
Frequency (Hz)
C00
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
C00
10k
100k
1M
10M
100M
Frequency (Hz)
C004
Gain = 4.6
10-7
10-6
10-5
10-9
10-8
10k
100k
1M
Frequency (Hz)
C003
Gain (RX PGA1) = 32
Gain (RX PGA2) = 1
10-5
10-6
10-7
10-8
-60
-50
-40
-30
-20
-10
0
10
1000
10k
100k
1M
10M
Frequency (Hz)
90 kHz (CENELEC A)
140 kHz (CENELEC B to D)
420 kHz (ARIB)
490 kHz (FCC)
C002
-140
-120
-100
-80
-60
-40
-20
0
1000
10k
100k
1M
10M
Frequency (Hz)
35 kHz - 140 kHz (CENELEC A to D)
150 kHz - 420 kHz (ARIB)
150 kHz - 490 kHz (FCC)
C001
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS
At TJ = +25°C, VPA V S = 15 V, and VAVDD = VDVDD = 3.3 V, unless otherwise noted.
Figure 3. Tx, Rx LOW-PASS FILTER GAIN vs FREQUENCY
Figure 4. Rx BAND-PASS FILTER GAIN vs FREQUENCY
Figure 5. Rx PATH NOISE DENSITY
Figure 6. Tx PATH NOISE DENSITY
Figure 7. PA GAIN vs FREQUENCY
Figure 8. PA PSRR vs FREQUENCY
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com