Electronic Components Datasheet Search
  English  ▼

X  

AFE032 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 20Page - Texas Instruments AFE032 Datasheet HTML 21Page - Texas Instruments AFE032 Datasheet HTML 22Page - Texas Instruments AFE032 Datasheet HTML 23Page - Texas Instruments AFE032 Datasheet HTML 24Page - Texas Instruments AFE032 Datasheet HTML 25Page - Texas Instruments AFE032 Datasheet HTML 26Page - Texas Instruments AFE032 Datasheet HTML 27Page - Texas Instruments AFE032 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
0
3.3
Time (5 ms/div)
0
50
100
350
0
-350
+
120 VAC to 240 VAC
50 Hz to 60 Hz
PS2505-1A Opto Isolator
or Equivalent
AVDD
3.3 V
ZC_IN
ZC_OUT
AVDD
AGND
Zero-Crossing
Inside the Device
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
Schottky diodes are recommended (see Figure 18) for maximum device protection from line transients. These
diodes limit the ZC_IN pins (pins 32, 38, and 39) to within the maximum rating of (AVDD + 0.4 V) and (AGND –
0.4 V). Some applications may require an isolated zero-crossing detection circuit. With a minimal amount of
components, the AFE032 can be configured for isolated zero-crossing detection, as shown in Figure 20.
Figure 20. Isolated Zero-Crossing Detection Using the AFE032
Isolated zero-crossing waveforms are shown in Figure 21.
Figure 21. Isolated Zero-Crossing Waveforms
24
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com