Electronic Components Datasheet Search
  English  ▼

X  

AFE032 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 6Page - Texas Instruments AFE032 Datasheet HTML 7Page - Texas Instruments AFE032 Datasheet HTML 8Page - Texas Instruments AFE032 Datasheet HTML 9Page - Texas Instruments AFE032 Datasheet HTML 10Page - Texas Instruments AFE032 Datasheet HTML 11Page - Texas Instruments AFE032 Datasheet HTML 12Page - Texas Instruments AFE032 Datasheet HTML 13Page - Texas Instruments AFE032 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
SPI TIMING REQUIREMENTS
PARAMETER
MIN
TYP
MAX
UNIT
Input capacitance
1
pF
tRFI
Input rising and falling time (CS, DIN, SCLK)
2
ns
tRFO
DOUT rising and falling time
10
ns
DAC_CLK
tCSH
CS high time
10
cycles(1)
tCS0
SCLK edge to CS falling edge setup time
10
ns
tCSSC
CS falling edge to first SCLK edge setup time
10
ns
fSCLK
SCLK frequency
20
30
MHz
tHI
SCLK high time
16.7
25
ns
tLO
SCLK low time
16.7
25
ns
tSCCS
SCLK last edge to CS rising edge setup time
10
ns
tCS1
CS rising edge to SCLK edge setup time
10
ns
tSU
DIN setup time
5
ns
tHD
DIN hold time
5
ns
tDO
SCLK to DOUT valid propagation delay
16
ns
tsoz
CS rising edge to DOUT forced to Hi-Z
20
ns
(1)
CS pin must remain high for at least ten DAC_CLK cycles after a write operation and must remain high for at least five DAC_CLK cycles
after a read operation.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com