Electronic Components Datasheet Search
  English  ▼

X  

OPA2832 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2832
Description  Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2832 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button OPA2832 Datasheet HTML 16Page - National Semiconductor (TI) OPA2832 Datasheet HTML 17Page - National Semiconductor (TI) OPA2832 Datasheet HTML 18Page - National Semiconductor (TI) OPA2832 Datasheet HTML 19Page - National Semiconductor (TI) OPA2832 Datasheet HTML 20Page - National Semiconductor (TI) OPA2832 Datasheet HTML 21Page - National Semiconductor (TI) OPA2832 Datasheet HTML 22Page - National Semiconductor (TI) OPA2832 Datasheet HTML 23Page - National Semiconductor (TI) OPA2832 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
APPLICATIONS INFORMATION
WIDEBAND VOLTAGE-FEEDBACK
1/2
OPA2832
V
S = +3.3V
V
OUT
66.5
Ω
V
IN
1.13k
Ω
255
Ω
R
L
150
Ω
0.75V
6.8
µF
+
0.1
µF
0.1
µF
400
Ω
400
Ω
+0.75V
+0.75
1/2
OPA2832
V
S = +5V
V
OUT
66.7
Ω
V
IN
505
Ω
+V
S/2
332
Ω
R
L
150
Ω
+V
S
2
6.8
µF
+
0.1
µF
0.1
µF
400
Ω
400
Ω
2V
OPA2832
SBOS327C – FEBRUARY 2005 – REVISED AUGUST 2008 ............................................................................................................................................. www.ti.com
ground. Voltage swings reported in the Electrical
Characteristics are taken directly at the input and
output pins. For the circuit of Figure 62, the total
OPERATION
effective load on the output at high frequencies is
The OPA2832 is a unity-gain stable, very high-speed
150
Ω || 800Ω. The 255Ω and 1.13kΩ resistors at the
voltage-feedback op amp designed for single-supply
noninverting input provide the common-mode bias
operation (+3V to +11V). The input stage supports
voltage. Their parallel combination equals the DC
input voltages below ground and to within 1.7V of the
resistance at the inverting input RF), reducing the DC
positive supply. The complementary common-emitter
output offset due to input bias current.
output stage provides an output swing to within 25mV
of ground and the positive supply. The OPA2832 is
compensated to provide stable operation with a wide
range of resistive loads.
Figure 61 shows the AC-coupled, gain
of
+2
configuration used for the +5V Specifications and
Typical Characteristic Curves. For test purposes, the
input impedance is set to 50
Ω with the 66.7Ω resistor
to ground in parallel with the 200
Ω bias network.
Voltage
swings
reported
in
the
Electrical
Characteristics are taken directly at the input and
output pins. For the circuit of Figure 61, the total
effective load on the output at high frequencies is
150
Ω || 800Ω. The 332Ω and 505Ω resistors at the
noninverting input provide the common-mode bias
voltage. Their parallel combination equals the DC
resistance at the inverting input RF), reducing the DC
output offset due to input bias current.
Figure 62. AC-Coupled, G = +2, +3V Single-Supply
Specification and Test Circuit
Figure 63 shows the DC-coupled, gain of +2, dual
power-supply circuit configuration used as the basis
of the ±5V Electrical Characteristics and Typical
Characteristics.
For
test
purposes,
the
input
impedance is set to 50
Ω with a resistor to ground and
the output impedance is set to 150
Ω with a series
output resistor. Voltage swings reported in the
specifications are taken directly at the input and
output pins. For the circuit of Figure 63, the total
effective load will be 150
Ω || 800Ω. Two optional
components are included in Figure 63. An additional
resistor
(175
Ω) is
included
in
series
with
the
noninverting input. Combined with the 25
Ω DC
source resistance looking back towards the signal
generator, this gives an input bias current cancelling
resistance that matches the 200
Ω source resistance
Figure 61. AC-Coupled, G = +2, +5V Single-Supply
seen at the inverting input (see the DC Accuracy and
Specification and Test Circuit
Offset Control section). In addition to the usual
power-supply decoupling capacitors to ground, a
Figure 62 shows the AC-coupled, gain
of
+2
0.01
µF capacitor is included between the two
configuration used for the +3.3V Specifications and
power-supply pins. In practical PC board layouts, this
Typical Characteristic Curves. For test purposes, the
optional
capacitor
will
typically
improve
the
input impedance is set to 66.5
Ω with a resistor to
2nd-harmonic distortion performance by 3dB to 6dB.
20
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com