Electronic Components Datasheet Search
  English  ▼

X  

OPA2832 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2832
Description  Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2832 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button OPA2832 Datasheet HTML 12Page - National Semiconductor (TI) OPA2832 Datasheet HTML 13Page - National Semiconductor (TI) OPA2832 Datasheet HTML 14Page - National Semiconductor (TI) OPA2832 Datasheet HTML 15Page - National Semiconductor (TI) OPA2832 Datasheet HTML 16Page - National Semiconductor (TI) OPA2832 Datasheet HTML 17Page - National Semiconductor (TI) OPA2832 Datasheet HTML 18Page - National Semiconductor (TI) OPA2832 Datasheet HTML 19Page - National Semiconductor (TI) OPA2832 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
TYPICAL CHARACTERISTICS: VS = +5V (Differential)
9
6
3
0
−3
−6
−9
Frequency (MHz)
1
10
100
300
G = +2V/V
V
O = 0.2VPP
R
L = 500Ω
R
L
V
O
V
I
+5V
1/2
OPA 2832
1/2
OPA 2832
400
Ω
400
Ω
400
Ω
400
Ω
9
6
3
0
−3
−6
−9
Frequency (MHz)
1
10
100
300
G = +2V/V
V
O = 4VPP
R
L = 500Ω
Frequency (MHz)
0.1
10
1
100
−50
−60
−70
−80
−90
−100
−110
3rd−Harmonic
2nd−Harmonic
G = +2V/V
R
L = 500Ω
V
O = 2VPP
Output Voltage (V
PP)
1
10
−40
−50
−60
−70
−80
−90
−100
−110
G = +2V/V
R
L = 500Ω
f = 1MHz
2nd−Harmonic
3rd−Harmonic
Load Resistance (
Ω)
100
1k
−70
−80
−90
−100
−110
G = +2V/V
V
O = 2VPP
f = 1MHz
2nd−Harmonic
3rd−Harmonic
OPA2832
SBOS327C – FEBRUARY 2005 – REVISED AUGUST 2008 ............................................................................................................................................. www.ti.com
At TA = +25°C, Differential Gain = +2V/V, and RL = 500Ω, unless otherwise noted.
DIFFERENTIAL PERFORMANCE TEST CIRCUIT
SMALL-SIGNAL FREQUENCY RESPONSE
Figure 38.
Figure 39.
LARGE-SIGNAL FREQUENCY RESPONSE
HARMONIC DISTORTION vs FREQUENCY
Figure 40.
Figure 41.
HARMONIC DISTORTION vs OUTPUT VOLTAGE
HARMONIC DISTORTION vs LOAD RESISTANCE
Figure 42.
Figure 43.
16
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com