Electronic Components Datasheet Search
  English  ▼

X  

OPA2832 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2832
Description  Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2832 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button OPA2832 Datasheet HTML 20Page - National Semiconductor (TI) OPA2832 Datasheet HTML 21Page - National Semiconductor (TI) OPA2832 Datasheet HTML 22Page - National Semiconductor (TI) OPA2832 Datasheet HTML 23Page - National Semiconductor (TI) OPA2832 Datasheet HTML 24Page - National Semiconductor (TI) OPA2832 Datasheet HTML 25Page - National Semiconductor (TI) OPA2832 Datasheet HTML 26Page - National Semiconductor (TI) OPA2832 Datasheet HTML 27Page - National Semiconductor (TI) OPA2832 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
DESIGN-IN TOOLS
DEMONSTRATION FIXTURES
DRIVING CAPACITIVE LOADS
MACROMODEL AND APPLICATIONS
OPERATING SUGGESTIONS
OUTPUT CURRENT AND VOLTAGES
OPA2832
SBOS327C – FEBRUARY 2005 – REVISED AUGUST 2008 ............................................................................................................................................. www.ti.com
the available output voltage and current will always
be greater than that shown in the over-temperature
specifications,
since
the
output
stage
junction
temperatures will be higher than the minimum
Two printed circuit boards (PCBs) are available to
specified operating ambient.
assist in the initial evaluation of circuit performance
using the OPA2832 in its two package options. Both
To maintain maximum output stage linearity, no
of these are offered free of charge as unpopulated
output short-circuit protection is provided. This will not
PCBs, delivered with a user's guide. The summary
normally be a problem, since most applications
information for these fixtures is shown in Table 1.
include a series matching resistor at the output that
will limit the internal power dissipation if the output
Table 1. Demonstration Fixtures by Package
side of this resistor is shorted to ground. However,
shorting the output pin directly to the adjacent
ORDERING
LITERATURE
positive power-supply pin (8-pin packages) will, in
PRODUCT
PACKAGE
NUMBER
NUMBER
most cases, destroy the amplifier. If additional
OPA2832ID
SO-8
DEM-OPA-SO-2A
SBOU003
short-circuit protection is required, consider a small
OPA2832IDGK
MSOP-8
DEM-OPA-MSOP-2A
SBOU004
series resistor in the power-supply leads. This will
reduce the available output voltage swing under
The demonstration fixtures can be requested at the
heavy output loads.
Texas Instruments web site (www.ti.com) through the
OPA2832 product folder.
One of the most demanding and yet very common
SUPPORT
load conditions for an op amp is capacitive loading.
Often, the capacitive load is the input of an
Computer simulation of circuit performance using
ADC—including additional external capacitance which
SPICE
is
often
a
quick
way
to
analyze
the
may be recommended to improve ADC linearity. A
performance of the OPA2832 and its circuit designs.
high-speed, high open-loop gain amplifier like the
This is particularly true for video and RF amplifier
OPA2832 can be very susceptible to decreased
circuits where parasitic capacitance and inductance
stability and closed-loop response peaking when a
can play a major role on circuit performance. A
capacitive load is placed directly on the output pin.
SPICE model for the OPA2832 is available through
When the primary considerations are frequency
the TI web page (www.ti.com). The applications
response flatness, pulse response fidelity, and/or
department is also available for design assistance.
distortion, the simplest and most effective solution is
These models predict typical
small
signal
AC,
to isolate the capacitive load from the feedback loop
transient steps, DC performance, and noise under a
by inserting a series isolation resistor between the
wide variety of operating conditions. The models
amplifier output and the capacitive load.
include the noise terms found in the electrical
specifications of the data sheet. These models do not
The
Typical
Characteristic
curves
show
the
attempt to distinguish between the package types in
recommended RS versus capacitive load and the
their small-signal AC performance.
resulting frequency response at the load. Parasitic
capacitive loads greater than 2pF can begin to
degrade the performance of the OPA2832. Long PC
board traces, unmatched cables, and connections to
multiple devices can easily exceed this value. Always
consider
this
effect
carefully,
and
add
the
The OPA2832 provides outstanding output voltage
recommended series resistor as close as possible to
capability.
For
the
+5V
supply,
under
no-load
the output pin (see the Board Layout Guidelines
conditions at +25°C, the output voltage typically
section).
swings closer than 90mV to either supply rail.
The criterion for setting this RS resistor is a maximum
The minimum specified output voltage and current
bandwidth, flat frequency response at the load. For a
specifications over temperature are set by worst-case
gain of +2, the frequency response at the output pin
simulations at the cold temperature extreme. Only at
is already slightly peaked without the capacitive load,
cold startup will the output current and voltage
requiring relatively high values of RS to flatten the
decrease to the numbers shown in the ensured
response at the load. Increasing the noise gain will
tables. As the output transistors deliver power, their
also reduce the peaking (see Figure 24).
junction temperatures will increase, decreasing their
VBEs (increasing the available output voltage swing)
and increasing their current gains (increasing the
available output current). In steady-state operation,
24
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com