Electronic Components Datasheet Search
  English  ▼

X  

OPA2832 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2832
Description  Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2832 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button OPA2832 Datasheet HTML 19Page - National Semiconductor (TI) OPA2832 Datasheet HTML 20Page - National Semiconductor (TI) OPA2832 Datasheet HTML 21Page - National Semiconductor (TI) OPA2832 Datasheet HTML 22Page - National Semiconductor (TI) OPA2832 Datasheet HTML 23Page - National Semiconductor (TI) OPA2832 Datasheet HTML 24Page - National Semiconductor (TI) OPA2832 Datasheet HTML 25Page - National Semiconductor (TI) OPA2832 Datasheet HTML 26Page - National Semiconductor (TI) OPA2832 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
374
Ω
V
O
V
I
+V
S
+5V
1/2
OPA2832
1/2
OPA2832
2.2nF
2.2nF
1
µF
2.2nF
2.2nF
374
Ω
750
Ω
V
S/2
750
Ω
2k
Ω
2k
Ω
400
Ω
400
Ω
0
−1
−2
−3
−4
−5
−6
−7
−8
−9
−10
−11
−12
Frequency (Hz)
1k
100k
1M
10k
10M
HIGH-PASS FILTERS
3
0
−3
−6
−9
−12
Frequency (MHz)
0.01
0.1
1
10
OPA2832
www.ti.com ............................................................................................................................................. SBOS327C – FEBRUARY 2005 – REVISED AUGUST 2008
Implementing the DC bias in this way also attenuates
the differential signal by half. This is recovered by
setting the amplifier gain at 2V/V to get a net
unity-gain filter characteristic from input to output. The
filter design shown here has also adjusted the
resistor values slightly from an ideal analysis to
account for the 100MHz bandwidth in the amplifier
stages. The filter capacitors at the noninverting inputs
are shown as two separate capacitors to ground.
While it is certainly correct to collapse these two
capacitors into a single capacitor across the two
inputs (which would be 50pF for this circuit) to get the
same differential filtering characteristic, tests have
shown two separate capacitors to a low impedance
point act to attenuate the common-mode feedback
present in this circuit giving more stable operation in
actual
implementation.
Figure
68
shows
the
frequency response for the filter of Figure 67.
Figure 69. 138kHz, 2nd-Order, High-Pass Filter
Results showing the frequency response for the
circuit of Figure 69 is shown in Figure 70.
Figure 68. 5MHz, 2nd-Order, Butterworth
Low-Pass Filter
Another approach to mid-supply biasing is shown in
Figure 69. This method uses a bypassed divider
network in place of the buffer used in Figure 67. The
impedance is set by the parallel combination of the
Figure 70. Frequency Response for the Filter of
resistors
forming
the
divider
network,
but
as
Figure 69
frequency increases it looks more and more like a
short due to the capacitor. Generally, the capacitor
value needs to be two to three orders of magnitude
greater than the filter capacitors shown for the circuit
to work properly.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): OPA2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com