Electronic Components Datasheet Search
  English  ▼

X  

OPA2832 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2832
Description  Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2832 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  OPA2832 Datasheet HTML 1Page - National Semiconductor (TI) OPA2832 Datasheet HTML 2Page - National Semiconductor (TI) OPA2832 Datasheet HTML 3Page - National Semiconductor (TI) OPA2832 Datasheet HTML 4Page - National Semiconductor (TI) OPA2832 Datasheet HTML 5Page - National Semiconductor (TI) OPA2832 Datasheet HTML 6Page - National Semiconductor (TI) OPA2832 Datasheet HTML 7Page - National Semiconductor (TI) OPA2832 Datasheet HTML 8Page - National Semiconductor (TI) OPA2832 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
OPA2832
SBOS327C – FEBRUARY 2005 – REVISED AUGUST 2008 ............................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
Boldface limits are tested at +25C.
At TA = +25°C, G = +2V/V, and RL = 150Ω to GND, unless otherwise noted (see Figure 63).
OPA2832ID, IDGK
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(1)
+70°C(2)
+85°C(2)
UNITS
MAX
LEVEL(3)
POWER SUPPLY
Minimum Operating Voltage
±1.4
V
min
B
Maximum Operating Voltage
—
±5.5
±5.5
±5.5
V
max
A
Maximum Quiescent Current
VS = ±5V
8.5
9.5
10.7
11.9
mA
max
A
Minimum Quiescent Current
VS = ±5V
8.5
8.0
7.2
6.6
mA
min
A
Power-Supply Rejection Ratio (PSRR)
Input-Referred
66
61
60
59
dB
min
A
THERMAL CHARACTERISTICS
Specification: ID, IDGK
–40 to +85
°C
typ
C
Thermal Resistance
D
SO-8
125
°C/W
typ
C
DGK
MSOP-8
150
°C/W
typ
C
4
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com