Electronic Components Datasheet Search
  English  ▼

X  

OPA2832 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2832
Description  Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2832 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button OPA2832 Datasheet HTML 23Page - National Semiconductor (TI) OPA2832 Datasheet HTML 24Page - National Semiconductor (TI) OPA2832 Datasheet HTML 25Page - National Semiconductor (TI) OPA2832 Datasheet HTML 26Page - National Semiconductor (TI) OPA2832 Datasheet HTML 27Page - National Semiconductor (TI) OPA2832 Datasheet HTML 28Page - National Semiconductor (TI) OPA2832 Datasheet HTML 29Page - National Semiconductor (TI) OPA2832 Datasheet HTML 30Page - National Semiconductor (TI) OPA2832 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
INPUT AND ESD PROTECTION
External
Pin
+V
CC
−V
CC
Internal
Circuitry
OPA2832
www.ti.com ............................................................................................................................................. SBOS327C – FEBRUARY 2005 – REVISED AUGUST 2008
d) Connections to other wideband devices on the
e)
Socketing
a
high-speed
part
is
not
board may be made with short direct traces or
recommended. The additional lead length and
through
onboard
transmission
lines.
For
short
pin-to-pin capacitance introduced by the socket can
connections, consider the trace and the input to the
create an extremely troublesome parasitic network
next device as a lumped capacitive load. Relatively
which can make it almost impossible to achieve a
wide traces (50mils to 100mils) should be used,
smooth, stable frequency response. Best results are
preferably with ground and power planes opened up
obtained by soldering the OPA2832 onto the board.
around them. Estimate the total capacitive load and
set
RS
from
the
typical
characteristic
curve
Recommended RS vs Capacitive Load. Low parasitic
The OPA2832 is built using a very high-speed
capacitive loads (< 5pF) may not need an RS since
complementary bipolar process. The internal junction
the OPA2832 is nominally compensated to operate
breakdown voltages are relatively low for these very
with a 2pF parasitic load. Higher parasitic capacitive
small geometry devices. These breakdowns are
loads without an RS are allowed as the signal gain
reflected in the Absolute Maximum Ratings table. All
increases (increasing the unloaded phase margin). If
device pins are protected with internal ESD protection
a long trace is required, and the 6dB signal loss
diodes to the power supplies, as shown in Figure 72.
intrinsic to a doubly-terminated transmission line is
acceptable,
implement
a
matched
impedance
transmission
line
using
microstrip
or
stripline
techniques (consult an ECL design handbook for
microstrip and stripline layout techniques). A 50
Ω
environment is normally not necessary onboard, and
in fact, a higher impedance environment will improve
distortion as shown in the distortion versus load plots.
With a characteristic board trace impedance defined
(based on board material and trace dimensions), a
matching series resistor into the trace from the output
of the OPA2832 is used as well as a terminating
Figure 72. Internal ESD Protection
shunt resistor at the input of the destination device.
Remember also that the terminating impedance will
These diodes provide moderate protection to input
be the parallel combination of the shunt resistor and
overdrive voltages above the supplies as well. The
the input impedance of the destination device; this
protection
diodes
can
typically
support
30mA
total effective impedance should be set to match the
continuous
current.
Where
higher
currents
are
trace
impedance.
If
the
6dB
attenuation
of
a
possible (that is, in systems with ±15V supply parts
doubly-terminated transmission line is unacceptable,
driving into the OPA2832), current-limiting series
a long trace can be series-terminated at the source
resistors should be added into the two inputs. Keep
end only. Treat the trace as a capacitive load in this
these resistor values as low as possible, since high
case and set the series resistor value as shown in the
values
degrade
both
noise
performance
and
typical characteristic curve Recommended RS vs
frequency response.
Capacitive Load. This will not preserve signal integrity
as well as a doubly-terminated line. If the input
impedance of the destination device is low, there will
be some signal attenuation due to the voltage divider
formed by the series output into the terminating
impedance.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): OPA2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com