Electronic Components Datasheet Search
  English  ▼

X  

OPA2832 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2832
Description  Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2832 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  OPA2832 Datasheet HTML 1Page - National Semiconductor (TI) OPA2832 Datasheet HTML 2Page - National Semiconductor (TI) OPA2832 Datasheet HTML 3Page - National Semiconductor (TI) OPA2832 Datasheet HTML 4Page - National Semiconductor (TI) OPA2832 Datasheet HTML 5Page - National Semiconductor (TI) OPA2832 Datasheet HTML 6Page - National Semiconductor (TI) OPA2832 Datasheet HTML 7Page - National Semiconductor (TI) OPA2832 Datasheet HTML 8Page - National Semiconductor (TI) OPA2832 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
FEATURES
APPLICATIONS
RELATED PRODUCTS
DESCRIPTION
Single-Supply, 3rd-Order, Differential Chebyshev Low-Pass Filter
506
Ω
0.1
µF
506
Ω
238
Ω
5k
Ω
5k
Ω
238
Ω
0.1
µF
V
I
238
Ω
238
Ω
BUF602
150pF
150pF
100pF
100pF
0.1
µF
+5V
2.5V
V
O
V
I
+5V
1/2
OPA2832
1/2
OPA2832
400
Ω
400
Ω
400
Ω
400
Ω
OPA2832
www.ti.com ............................................................................................................................................. SBOS327C – FEBRUARY 2005 – REVISED AUGUST 2008
Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
Using
complementary
common-emitter
outputs
provides an output swing to within 30mV of ground
2
• HIGH BANDWIDTH: 75MHz (G = +2)
and 60mV of the positive supply. The high output
• LOW SUPPLY CURRENT: 7.8mA (V
S = +5V)
drive current and low differential gain and phase
errors also make it ideal for single-supply consumer
• FLEXIBLE SUPPLY RANGE:
video products.
±1.5V to ±5.5V Dual Supply
+3V to +11V Single Supply
Low distortion operation is ensured by high bandwidth
• INPUT RANGE INCLUDES GROUND ON
product (75MHz) and slew rate (350V/
µs), making the
OPA2832 an ideal input buffer stage to 3V and 5V
SINGLE SUPPLY
CMOS
converters.
Unlike
earlier
low-power,
• 4.9V
PP OUTPUT SWING ON +5V SUPPLY
single-supply
amplifiers,
distortion
performance
• HIGH SLEW RATE: 350V/µs
improves as the signal swing is decreased. A low
• LOW INPUT VOLTAGE NOISE: 9.3nV/√Hz
9.3nV/
√Hz input voltage noise supports wide dynamic
range operation.
The OPA2832 is available in an industry-standard
• SINGLE-SUPPLY VIDEO LINE DRIVERS
SO-8 package or a small MSOP-8 package. For
gains other than +1, –1, or +2, consider the
• CCD IMAGING CHANNELS
OPA2830.
• LOW-POWER ULTRASOUND
• PORTABLE CONSUMER ELECTRONICS
DESCRIPTION
SINGLES
DUALS
TRIPLES
QUADS
Rail-to-Rail Output
OPA830
OPA2830
—
OPA4830
The OPA2832 is a dual, low-power, high-speed,
Rail-to-Rail Fixed-Gain
OPA832
—
OPA3832
—
fixed-gain amplifier designed to operate on a single
General-Purpose
OPA690
OPA2690
OPA3690
—
+3V to +11V supply. Operation on ±1.5V to ±5.5V
(1800V/
µs slew rate)
supplies is also supported. The input range extends
Low-Noise,
OPA820
OPA2822
—
OPA4820
below ground and to within 1.7V of the positive
High DC Precision
supply.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2832

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2832 BURR-BROWN-OPA2832 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA2832 BURR-BROWN-OPA2832 Datasheet
609Kb / 32P
Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI-OPA2832 Datasheet
1Mb / 45P
Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
OPA2832 TI2-OPA2832 Datasheet
745Kb / 33P
Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
REVISED AUGUST 2008
More results

Similar Description - OPA2832

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
High-Speed, Low-Power Dual Operational Amplifier
REV.B
logo
Fairchild Semiconductor
RC4558 FAIRCHILD-RC4558 Datasheet
68Kb / 10P
Dual High-Gain Operational Amplifier
logo
Burr-Brown (TI)
OPA3832 BURR-BROWN-OPA3832_07 Datasheet
609Kb / 32P
Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Analog Devices
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
High-Speed, Low-Power Dual Operational Amplifier
8/02-Data Sheet changed from REV. B to REV. C.
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
Fairchild Semiconductor
RM4559D FAIRCHILD-RM4559D Datasheet
95Kb / 14P
Dual High-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Analog Devices
AD826 AD-AD826_15 Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
Low Power, High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com