Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTREP Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button THS4524MDBTREP Datasheet HTML 15Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 16Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 17Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 18Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 19Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 20Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 21Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 22Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
6
4
2
0
2
4
6
-
-
-
3
2
1
0
1
2
3
-
-
-
0
100
200
300
400
500
600
700
800
900
1k
Time(ns)
V
=5V
G=2V/V
R =1k
S+
F
W
R =200
L
W
V
Diff
Input
OUT
10
0
-10
20
30
40
50
60
70
80
90
100
110
120
130
140
-
-
-
-
-
-
-
-
-
-
-
-
-
0
5 k
10 k
15 k
20 k
25 k
30 k
35 k
Frequency (Hz)
Generator
THS4524
V
= 5.0 V
G = 1 V/V
R = 1 kW
V
= 8 V
S+
F
OUT
PP
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
0
20
40
60
80
100
Time(ns)
2-VStep
0.5-VStep
V
=5V
G=1V/V
R =1k
R =200
S+
F
L
W
W
800
700
600
500
400
300
200
100
0
0
1
2
3
4
5
6
7
DifferentialV
(V)
OUT
V
=5V
G=1V/V
R =1k
S+
F
W
R =200
L
W
Falling
Rising
6
3
0
3
6
9
12
15
18
21
24
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
G=1V/V
G=2V/V
G=5V/V
G=10V/V
V
=5.0V
R =1k
V =100mV
S+
L
O
PP
W
6
3
0
3
6
9
12
15
18
21
24
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
G=1V/V
G=2V/V
G=5V/V
G=10V/V
V
=5.0V
R =1k
V =2.0V
S+
L
O
PP
W
THS4524-EP
www.ti.com
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS: 5 V
At VS+ = +5 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RF = 1 kΩ, RL = 1 kΩ differential, G = 1 V/V, single-ended
input, differential output, and input and output referenced to midsupply, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 28.
Figure 29.
LARGE- AND SMALL-SIGNAL PULSE RESPONSE
SLEW RATE vs VOUT
Figure 30.
Figure 31.
10-kHz OUTPUT SPECTRUM ON
OVERDRIVE RECOVERY
AP ANALYZER AT VOUT = 8 VPP
Figure 32.
Figure 33.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com