Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTREP Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button THS4524MDBTREP Datasheet HTML 20Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 21Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 22Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 23Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 24Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 25Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 26Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 27Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
THS452x
R
G
R
G
R
IT
R
IT
24.9 W
953 W
1kW
1kW
49.9 W
24.9 W
V
OCM
V
IN+
PD
Measurewith
Differential
Probe
AcrossR
OT
Installedto
Balance
Amplifier
Calibrated
Differential
Probe
Across
R
IT
Open
Open
From
50-
Source
W
V
S+
V
S-
0.22 F
m
0.22 F
m
THS4524-EP
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
www.ti.com
TEST CIRCUITS
Ω input termination.
Overview
Table 2. Load Component Values For 1:1
The THS4524 is tested with the test circuits shown in
Differential to Single-Ended Output Transformer(1)
this section; all circuits are built using the available
RL
RO
ROT
Atten
THS4524 evaluation module (EVM). For simplicity,
100
Ω
24.9
Ω
Open
6 dB
power-supply decoupling is not shown; see the layout
200
Ω
86.6
Ω
69.8
Ω
16.8 dB
in the Applications section for recommendations.
Depending on the test conditions, component values
499
Ω
237
Ω
56.2
Ω
25.5 dB
change in accordance with Table 1 and Table 2, or
1 k
Ω
487
Ω
52.3
Ω
31.8 dB
as otherwise noted. In some cases the signal
1. Total load includes 50-
Ω termination by the test
generators used are ac-coupled and in others they
equipment. Components are chosen to achieve
dc-coupled 50-
Ω sources. To balance the amplifier
load and 50-
Ω line termination through a 1:1
when ac-coupled, a 0.22-
μF capacitor and 49.9-Ω
transformer.
resistor to ground are inserted across RIT on the
alternate input; when dc-coupled, only the 49.9-
Ω
Frequency Response
resistor to ground is added across RIT. A split power
supply is used to ease the interface to common test
The circuit shown in Figure 54 is used to measure the
equipment, but the amplifier can be operated in a
frequency response of the circuit.
single-supply
configuration
as
described
in
the
An HP network analyzer is used as the signal source
Applications section with no impact on performance.
and the measurement device. The output impedance
Also, for most of the tests, except as noted, the
of the HP network analyzer is is dc-coupled and is
devices are tested with single-ended inputs and a
50
Ω. RIT and RG are chosen to impedance-match to
transformer on the output to convert the differential
50
Ω and maintain the proper gain. To balance the
output to single-ended because common lab test
amplifier, a 49.9-
Ω resistor to ground is inserted
equipment has single-ended inputs and outputs.
across RIT on the alternate input.
Similar or better performance can be expected with
differential inputs and outputs.
The output is probed using a Tektronix high-
impedance
differential
probe
across
the
953-
Ω
As a result of the voltage divider on the output formed
resistor and referred to the amplifier output by adding
by the load component values, the amplifier output is
back the 0.42-dB because of the voltage divider on
attenuated. The Atten column in Table 2 shows the
the output.
attenuation expected from the resistor divider. When
using a transformer at the output (as shown in
Figure 55), the signal sees slightly more loss because
of transformer and line loss; these numbers are
approximate.
Table 1. Gain Component Values for
Single-Ended Input(1)
Gain
RF
RG
RIT
1 V/V
1 k
Ω
1 k
Ω
52.3
Ω
2 V/V
1 k
Ω
487
Ω
53.6
Ω
5 V/V
1 k
Ω
187
Ω
59.0
Ω
10 V/V
1 k
Ω
86.6
Ω
69.8
Ω
1. Gain setting includes 50-
Ω source impedance.
Figure 54. Frequency Response Test Circuit
Components are chosen to achieve gain and 50-
24
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com