Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTREP Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button THS4524MDBTREP Datasheet HTML 32Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 33Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 34Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 35Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 36Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 37Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 38Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 39Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
4
8
12
16
20
24 26
Frequency (kHz)
1-kHz FFT
G = 1
R = R = 1 k
C = 1.5 nF
V = 5 V
Load = 2 x 49.9
+ 2.2 nF
F
G
F
S
W
W
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
4
8
12
16
20
24 26
Frequency (kHz)
10-kHz FFT
G = 1
R = R = 1 k
C = 1.5 nF
V = 5 V
Load = 2 x 49.9
+ 2.2 nF
F
G
F
S
W
W
THS4524
ADS1278 (CH 1)
V
OCM
5 V
V
COM
2.2 nF
AINN1
AINP1
x1
1/2
OPA2350
1.5 nF
1.5 nF
V
IN+
V
IN-
1 kW
1 kW
1 kW
49.9 W
49.9 W
0.1 mF
0.1 mF
1 kW
THS4524-EP
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
www.ti.com
ADC Driver Performance:
modes from 10 kSPS to 128 kSPS to enable the user
THS4524 and ADS1278 Combined
to fine-tune performance and power for specific
Performance
application needs. The circuit shown in Figure 82 was
The THS4524 provides excellent performance when
used to test the performance. Data were taken using
driving
high-performance
ΔΣ
and
successive
the High-Resolution mode (52 kSPS) of the ADS1278
approximation register (SAR) ADCs in audio and
with input frequencies at 1 kHz and 10 kHz and
industrial applications using a single 3-V to 5-V power
signal levels 1/2 dB below full-scale (–0.5 dBFS). FFT
supply.
To
show
achievable
performance,
the
plots showing the spectral performance are given in
THS4524 is tested as the drive amplifier for the
Figure 83 and Figure 84; tabulated ac analysis results
ADS1278 24-bit ADC. The ADS1278 offers excellent
are shown in Table 6 and compared to the ADS1278
ac and dc performance, with four selectable operating
data sheet typical performance specifications.
Figure 82. THS4524 and ADS1278 (Ch 1) Test Circuit
Figure 83. 1-kHz FFT
Figure 84. 10-kHz FFT
Table 6. AC Analysis
Configuration
Tone
Signal (dBFS)
SNR (dBc)
THD (dBc)
SINAD (dBc)
SFDR (dBc)
THS4524 and
1 kHz
–0.5
109
–108
105
114
ADS1278
10 kHz
–0.5
102
–110
101
110
ADS1278 Data
1 kHz
–0.5
110
–108
—
109
sheet (typ)
36
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com