Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTREP Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button THS4524MDBTREP Datasheet HTML 25Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 26Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 27Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 28Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 29Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 30Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 31Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 32Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
6
3
0
3
6
9
12
15
18
21
24
-
-
-
-
-
-
-
-
0.1
1
10
100
1000
Frequency (MHz)
SMALL-SIGNAL FREQUENCY RESPONSE
Gain = 1, R = R = R = 1 k , 10 k , 100 k
F
G
L
W
W
W
1 kW
10 kW
100 kW
V
= 5.0 V
V = 100 mV
Gain = 1 V/V
S+
O
PP
6
3
0
3
6
9
12
15
18
21
24
-
-
-
-
-
-
-
-
0.1
1
10
100
1000
Frequency (MHz)
SMALL-SIGNAL FREQUENCY RESPONSE
Device and Package Option Comparison
V
= 5.0 V
Gain = 1 V/V
S+
R = 1 k
R = 1 k
F
L
W
W
THS4522,
THS4524
THS4521
MSOP
THS4521
SOIC
THS4524-EP
www.ti.com
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
Low-Power Applications and the Effects of
Frequency Response Variation due to
Resistor Values on Bandwidth
Package Options
For low-power operation, it may be necessary to
Users can see variations in the small-signal (VOUT =
increase the gain setting resistors values to limit
100 mVPP) frequency response between the available
current consumption and not load the source. Using
package options for the THS452x family as a result of
larger value resistors lowers the bandwidth of the
parasitic elements associated with each package and
THS4524 as a result of the interactions between the
board layout changes. Figure 66 shows the variance
resistors,
the
device
parasitic
capacitance,
and
measured in the lab; this variance is to be expected
printed circuit board (PCB) parasitic capacitance.
even when using a good layout.
Figure 65 shows the small-signal frequency response
with 1-k
Ω, 10-kΩ, and 100-kΩ resistors for RF, RG,
and RL (impedance is assumed to typically increase
for all three resistors in low-power applications).
Figure 66. Small-Signal Frequency Response:
Package Variations
Figure 65. THS4524 Frequency Response with
Various Gain Setting and Load Resistor Values
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com