Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTREP Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button THS4524MDBTREP Datasheet HTML 33Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 34Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 35Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 36Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 37Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 38Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 39Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 40Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
-160
0
10 k
20 k
30 k
40 k
50 k
Frequency (Hz)
V = 5.0 V
G = 1 V/V
R =
1 k
S
F
R =
Load = 2 x 49.9
+ 2 pF
G
W
W
2-kHz FFT
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
-160
0
10 k
20 k
30 k
40 k
50 k
Frequency (Hz)
V = 5.0 V
G = 1 V/V
R =
1 k
S
F
R =
Load = 2 x 49.9
+ 2 pF
G
W
W
10-kHz FFT
THS4524
ADS8321
V
OCM
5 V
1 nF
-IN
+IN
V
IN+
V
IN-
1 kW
1 kW
1 kW
49.9 W
49.9 W
0.22 mF
68 pF
68 pF
1 kW
Open
THS4524-EP
www.ti.com
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
ADC Driver Performance:
Data were taken using the ADS8321 at 100 kSPS
THS4524 and ADS8321 Combined
with input frequencies of 2 kHz and 10 kHz and
Performance
signal levels that were -0.5 dBFS. FFT plots that
illustrate the spectral performance are given in
To
demonstrate
achievable
performance,
the
Figure 86 and Figure 87. Tabulated ac analysis
THS4524 is tested as the drive amplifier for the
results are listed in Table 7 and compared to the
ADS8321 16-bit SAR ADC. The ADS8321 offers
ADS8321 data sheet typical performance.
excellent ac and dc performance, with ultra-low power
and small size. The circuit shown in Figure 85 was
used to test the performance.
Figure 85. THS4524 and ADS8321 Test Circuit
Figure 86. 2-kHZ FFT
Figure 87. 10-kHz FFT
Table 7. AC Analysis
Configuration
Tone
Signal (dBFS)
SNR (dBc)
THD (dBc)
SINAD (dBc)
SFDR (dBc)
THS4524 and
2 kHz
–0.5
86.7
–97.8
86.4
100.7
ADS8321
10 kHz
–0.5
85.2
–98.1
85.2
102.2
ADS8321 Data
10 kHz
–0.5
87
–86
84
86
sheet (typ)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com