Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTREP Datasheet(HTML) 1 Page - National Semiconductor (TI)

  THS4524MDBTREP Datasheet HTML 1Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 2Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 3Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 4Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 5Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 6Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 7Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 8Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
THS4524
ADS1278 (CH 1)
49.9 W
1 kW
49.9 W
V
OCM
V
IN+
V
IN-
5 V
V
COM
1 kW
1 kW
2.2 nF
AINN1
AINP1
0.1 mF
0.1 mF
x1
1/2
OPA2350
1.5 nF
1.5 nF
1 kW
0
20
40
60
80
100
120
140
-160
-
-
-
-
-
-
-
0
4
8
12
16
20
24
26
Frequency (kHz)
1-kHz FFT
G = 1
R = R = 1 kW
C = 1.5 nF
V = 5 V
Load = 2 x 49.9 W + 2.2 nF
F
G
F
S
THS4524 and ADS1278 Combined Performance
Tone
(Hz)
1 k
Signal
(dBFS)
0.50
-
SNR (dBc)
109.1
THD (dBc)
107.9
-
SINAD
(dBc)
105.5
SFDR
(dBc)
113.7
THS4524-EP
www.ti.com
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,
FULLY DIFFERENTIAL AMPLIFIER
Check for Samples: THS4524-EP
1
FEATURES
23
•
Fully Differential Architecture
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Bandwidth: 145 MHz
•
Controlled Baseline
•
Slew Rate: 490 V/
μs
•
One Assembly/Test Site
•
HD2: –133 dBc at 10 kHz (1 VRMS, RL = 1 kΩ)
•
One Fabrication Site
•
HD3: –140 dBc at 10 kHz (1 VRMS, RL = 1 kΩ)
•
Available in Military (–55°C/125°C)
•
Input Voltage Noise: 4.6 nV/
√Hz (f = 100 kHz)
Temperature Range (1)
•
THD+N: –112dBc (0.00025%) at 1 kHz
•
Extended Product Life Cycle
(22-kHz BW, G = 1, 5 VPP)
•
Extended Product-Change Notification
•
Open-Loop Gain: 119 dB
•
Product Traceability
•
NRI—Negative Rail Input
•
RRO—Rail-to-Rail Output
•
Output Common-Mode Control (With Low
Offset and Drift)
•
Power Supply:
–
Voltage: +2.5 V (±1.25 V) to +5.5 V (±2.75 V)
–
Current: 1.14 mA/ch
•
Power-Down Capability: 20
μA (Typical)
APPLICATIONS
•
Low-Power SAR and
ΔΣ ADC Drivers
•
Low-Power Differential Drivers
•
Low-Power Differential Signal Conditioning
•
Low-Power, High-Performance Differential
Audio Amplifiers
(1)
Additional temperature ranges available - contact factory
DESCRIPTION
The THS4524 is a very low-power, fully differential operational amplifier with rail-to-rail output and an input
common-mode range that includes the negative rail. This amplifier is designed for low-power data acquisition
systems and high-density applications where power dissipation is a critical parameter, and provide exceptional
performance in audio applications.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2S is a trademark of NXP Semiconductor.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4524MDBTREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4524MDBTREP TI1-THS4524MDBTREP Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524MDBTREP TI1-THS4524MDBTREP Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4524MDBTREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521 Datasheet
1Mb / 43P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521-HT TI1-THS4521-HT Datasheet
758Kb / 28P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524-EP TI1-THS4524-EP Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4521-HT NSC-THS4521-HT Datasheet
758Kb / 28P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4521-HT TI-THS4521-HT_15 Datasheet
653Kb / 27P
VERY LOW POWER, NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI1-THS4541_16 Datasheet
2Mb / 61P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4524-EP TI1-THS4524-EP_17 Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com