Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTREP Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button THS4524MDBTREP Datasheet HTML 27Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 28Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 29Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 30Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 31Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 32Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 33Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 34Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
-95
97
99
101
103
-
-
-
-
-
-
-
-
-
-
105
107
109
111
113
115
10
100
1 k
10 k
100 k
Frequency (Hz)
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY (No Weighting)
-50
-60
-70
-80
-90
-100
-110
-120
0
5
10
15
20
Frequency (kHz)
TOTAL HARMONIC DISTORTION + NOISE
THS4524 Measured on AP Analyzer
THS4524
Signal Generator
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
0
5 k
10 k
15 k
20 k
25 k
30 k
35 k
Frequency (Hz)
Generator
THS4524
V
= 5.0 V
G = 1 V/V
R = 1 k
V
= 1 V
S+
F
OUT
RMS
W
10-kHz OUTPUT SPECTRUM
THS4524 on AP Analyzer
THS4524-EP
www.ti.com
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
Note that the harmonic distortion performance is very
close to the same with and without the device
meaning the THS4524 performance is actually much
better
than
can
be
directly
measured
by
this
meathod. The actual device performance can be
estimated by placing the device in a large noise gain
and using the reduction in loop gain correction. The
THS4524 is placed in a noise gain of 101 by adding a
10-
Ω resistor directly across the input terminals of the
circuit shown in Figure 69. This test was performed
using the AP instrument as both the signal source
and
the
analyzer.
The
second-order
harmonic
distortion at 1 kHz is estimated to be –122 dBc with
VO = 1VRMS; third-order harmonic distortion is
estimated to be –141 dBc. The third-order harmonic
distortion
result
matches
exactly
with
design
simulations, but the second-order harmonic distortion
is about 10 dB worse. This result is not unexpected
Figure 71. THS4524 1-VRMS 10-kHz FFT Plot
because
second-order
harmonic
distortion
performance with a differential signal depends heavily
The
THS4524
shows
even
better
THD+N
on cancellation as a result of the differential nature of
performance when driving higher amplitude output,
the signal, which depends on board layout, bypass
such as 5 VPP that is more typical when driving an
capacitors, external cabling, and so forth. Note that
ADC. To show performance with an extended
the circuit of Figure 69 is also used to measure
frequency range, higher gain, and higher amplitude,
crosstalk between channels.
the device was tested with 5 VPP up to 80 kHz with
the AP. Figure 72 shows the resulting THD+N graph
with no weighting.
Figure 70. THS4524 1-VRMS 20-Hz
to 20-kHz THD+N
Figure 72. THD+N (No Weighting) on AP, 80-kHz
Bandwidth at G = 1 with 5-VPP Output
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com