Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTREP Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button THS4524MDBTREP Datasheet HTML 24Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 25Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 26Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 27Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 28Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 29Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 30Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 31Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
THS452x
R
G
R
F
R
O
R
O
R
G
R
F
R
IT
R
IT
V
S-
V
OCM
V
IN+
PD
Optional;
installedto
balance
impedanceseen
at V
IN+
V
OCM Control
PD Control
V
OUT-
V
OUT+
V
S+
0.22 F
m
0.22 F
m
V
S+
V
OCM
V
S-
100kW
100kW
I
EXT
Tointernal
V
circuit
OCM
I
=
EXT
2V
(V
V )
50k
-
-
W
OCM
S+
S-
THS4524-EP
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
www.ti.com
Figure 63 represents the VOCM input. The internal
Single-Supply Operation
VOCM circuit has typically 23 MHz of –3 dB bandwidth,
To facilitate testing with common lab equipment, the
which is required for best performance, but it is
THS4524EVM allows for split-supply operation; most
intended to be a dc bias input pin. A 0.22-
μF bypass
of the characterization data presented in this data
capacitor is recommended on this pin to reduce
sheet is measured using split-supply power inputs.
noise. The external current required to overdrive the
The device can easily be used with a single-supply
internal resistor divider is given approximately by the
power input without degrading performance.
formula in Equation 2:
Figure 64 shows a dc-coupled single-supply circuit
with single-ended inputs. This circuit can also be
applied to differential input sources.
where:
•
VOCM is the voltage applied to the VOCM pin
(2)
Figure 63. VOCM Input Circuit
Typical Performance Variation with Supply
Voltage
Figure 64. THS4524 DC-Coupled Single-Supply
with Single-Ended Inputs
The THS4524 provides excellent performance across
the specified power-supply range of 2.5 V to 5.5 V
The input common-mode voltage range of the
with only minor variations. The input and output
THS4524 is designed to include the negative supply
voltage compliance ranges track with the power
voltage. in the circuit shown in Figure 64, the signal
supply in nearly a 1:1 correlation. Other changes can
source is referenced to ground. VOCM is set by an
be observed in slew rate, output current drive, open-
external control source or, if left unconnected, the
loop gain, bandwidth, and distortion. Table 3 shows
internal circuit defaults to midsupply. Together with
the typical variation to be expected in these key
the input impedance of the amplifier circuit, RIT
performance parameters.
provides input termination, which is also referenced to
ground.
Note that RIT and optional matching components are
added
to
the
alternate
input
to
balance
the
impedance at signal input.
Table 3. Typical Performance Variation versus Power-Supply Voltage
PARAMETER
VS = 5 V
VS = 3.3 V
VS = 2.5 V
–3-dB Small-signal bandwidth
145 MHz
135 MHz
125 MHz
Slew rate (2-V step)
490 V/
μs
420 V/
μs
210 V/
μs
Harmonic distortion at 1 MHz, 2 VPP, RL = 1 kΩ
xxxSecond harmonic
–85 dBc
–85 dBc
–84 dBc
xxxThird harmonic
–91 dBc
–90 dBc
–88 dBc
Open-loop gain
119 dB
116 dB
115 dB
Linear output current drive
55 mA
35 mA
24 mA
28
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com