Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTREP Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button THS4524MDBTREP Datasheet HTML 21Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 22Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 23Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 24Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 25Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 26Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 27Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 28Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
THS452x
R
G
R
F
R
O
R
O
R
OT
R
G
R
F
R
IT
R
IT
V
OCM
V
OUT
PD
Installedto
Balance
Amplifier
Open
Open
1:1
From
50-
Source
W
V
IN+
0.22 F
m
0.22 F
m
0.22 F
m
To50-
Test
Equipment
W
V
S-
V
S+
49.9 W
THS452x
R
G
R
G
R
IT
R
IT
49.9 W
1kW
1kW
49.9 W
49.9 W
V
OCM
V
IN+
PD
Installedto
Balance
Amplifier
Open
Open
From
50-
Source
W
V
OUT-
V
OUT+
ToOscilloscope
with50-
Input
W
V
S+
V
S-
0.22 F
m
0.22 F
m
THS4524-EP
www.ti.com
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
Distortion
Slew Rate, Transient Response, Settling
Time, Output Impedance, Overdrive, Output
The circuit shown in Figure 55 is used to measure
Voltage, and Turn-On/Turn-Off Time
harmonic
and
intermodulation
distortion
of
the
amplifier.
The circuit shown in Figure 56 is used to measure
slew rate, transient response, settling time, output
An HP signal generator is used as the signal source
impedance, overdrive recovery, output voltage swing,
and the output is measured with a Rhode and
and ampliifer turn-on/turn-off time. Turn-on and turn-
Schwarz spectrum analyzer. The output impedance
off time are measured with the same circuit modified
of the HP signal generator is ac-coupled and is 50
Ω.
for 50-
Ω input impedance on the PD input by
RIT and RG are chosen to impedance match to 50 Ω
replacing
the
0.22-
μF
capacitor
with
a
49.9-
Ω
and maintain the proper gain. To balance the
resistor. For output impedance, the signal is injected
amplifier, a 0.22-
μF capacitor and 49.9-Ω resistor to
at VOUT with VIN open; the drop across the 2x 49.9-Ω
ground are inserted across RIT on the alternate input.
resistors is then used to calculate the impedance
seen looking into the amplifier output.
A low-pass filter is inserted in series with the input to
reduce harmonics generated at the signal source.
The level of the fundamental is measured and then a
high-pass filter is inserted at the output to reduce the
fundamental so it does not generate distortion in the
input of the spectrum analyzer.
The transformer used in the output to convert the
signal
from
differential
to
single-ended
is
an
ADT1–1WT. It limits the frequency response of the
circuit so that measurements cannot be made below
approximately 1 MHz.
Figure 56. Slew Rate, Transient Response,
Settling Time, Output Impedance, Overdrive
Recovery, VOUT Swing, and Turn-On/Turn-Off Test
Circuit
Figure 55. Distortion Test Circuit
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com