Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTREP Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button THS4524MDBTREP Datasheet HTML 29Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 30Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 31Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 32Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 33Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 34Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 35Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 36Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
0
Frequency (Hz)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
100
1 k
10 k 20 k
THS4524 and PCM4204
1-kHz FFT
0
Frequency (Hz)
-95
-97
-99
-101
-103
-105
-107
-109
-111
-113
-115
100
1 k
10 k 20 k
THS4524 and PCM4204 THD+N
vs FREQUENCY (No Weighting)
THS4524-EP
www.ti.com
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
Audio ADC Driver Performance:
+15 V, +5 VA and +5 VD, to a +5-V external power
THS4524 and PCM4204 Combined
supply (EXT +3.3 was not used) and connecting –15
Performance
V and all ground inputs to ground on the external
power supply. Note only one external +5-V supply
To show achievable performance with a high-
was needed to power all devices on the EVM.
performance audio ADC, the THS4524 is tested as
the drive amplifier for the PCM4204. The PCM4204 is
A SYS-2722 Audio Analyzer from Audio Precision
a high-performance, four-channel ADC designed for
(AP) provides an analog audio input to the EVM; the
professional and broadcast audio applications. The
PCM-formatted digital output is read by the digital
PCM4204 architecture uses a 1-bit delta-sigma (
ΔΣ)
input on the AP.
modulator per channel that incorporates an advanced
Data were taken using a 256-fS system clock to
dither scheme for improved dynamic performance,
achieve fS = 48-kHz measurements, and audio output
and supports PCM output data. The PCM4204
uses PCM format. Other data rates and formats are
provides a flexible serial port interface and many
expected to show similar performance in line with that
other advanced features. Refer to the PCM4204
shown in the product data sheet.
product data sheet for more information.
Figure 77 shows the THD+N vs Frequency response
The PCM4204EVM can test the audio performance of
with no weighting; Figure 78 shows an FFT of the
the THS4524 as a drive amplifier. The standard
output with 1-kHz input tone. Input signals to the
PCM4204EVM is provided with four OPA1632 fully-
PCM4204 for these tests is 0.5 dBFS. Dynamic range
differential amplifiers, which use the same device
is also tested at –60 dBFS, fIN = 1 kHz, and A-
pinout as the THS4524. For testing, one of these
weighted. Table 4 summarizes testing results using
amplifiers is replaced with a THS4524 device in same
the THS4524 together with the PCM4204 versus
package (MSOP), and the power supply changes to a
typical data sheet performance measurements, and
single-supply +5V. Figure 79 shows the modifications
show that it make an excellent drive amplifier for this
made to the circuit. Note the resistor connecting the
ADC.
VOCM input of the THS4524 to the input common-
mode drive from the PCM4204 is shown removed
The test circuit shown in Figure 79 has a gain = 0.27
and is optional; no performance change was noted
and attenuates the input signal. For applications that
with it connected or removed. The THS4524 is
require higher gain, the circuit was modified to gains
operated with a +5-V single-supply so the output
of G = 1, G = 2, and G = 5 by replacing the feedback
common-mode defaults to +2.5 V as required at the
resistors (R33 and R34) and re-tested to show
input of the PCM4204. The EVM power connections
performance.
were modified by connecting positive supply inputs,
Figure 77. THS4524 and PCM4204: THD+N versus
Figure 78. THS4524 and PCM4204 1-kHz FFT
Frequency with No Weighting
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com