Electronic Components Datasheet Search
  English  ▼

X  

NMA Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NMA
Description  Automotive Grade Ceramic Chip Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMA Datasheet(HTML) 2 Page - NIC-Components Corp.

  NMA Datasheet HTML 1Page - NIC-Components Corp. NMA Datasheet HTML 2Page - NIC-Components Corp. NMA Datasheet HTML 3Page - NIC-Components Corp. NMA Datasheet HTML 4Page - NIC-Components Corp. NMA Datasheet HTML 5Page - NIC-Components Corp. NMA Datasheet HTML 6Page - NIC-Components Corp. NMA Datasheet HTML 7Page - NIC-Components Corp. NMA Datasheet HTML 8Page - NIC-Components Corp. NMA Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
NMA Series
Automotive Grade Ceramic Chip Capacitors
AVAILABLE TERMINATION TYPES
Case Size
NPO
X7R
0402
Standard
Soft
0603
Standard
Soft & Soft (Open Mode)
0805
Standard
Soft & Soft (Open Mode)
1206
n/a
Soft & Soft (Open Mode)
Cu Base
Ni Barrier
Sn Finish
Standard Termination
Cu Base
Resin Layer
Sn Finish
Ni Barrier
Soft Termination
Cu Base
Resin Layer
Sn Finish
Ni Barrier
Soft Termination
(Open Mode)
PCB FLEX SPECIFICATION (AEC Q-200-005)
Case Size
NPO (Standard Terminations)
X7R (Soft Terminations)
0402
3mm
(
ΔC ±5% or 0.5pF whichever is greater)
2mm
(
ΔC ±10 max.)
0603
0805
1206
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com