Electronic Components Datasheet Search
  English  ▼

X  

NMA Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NMA
Description  Automotive Grade Ceramic Chip Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMA Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NMA Datasheet HTML 2Page - NIC-Components Corp. NMA Datasheet HTML 3Page - NIC-Components Corp. NMA Datasheet HTML 4Page - NIC-Components Corp. NMA Datasheet HTML 5Page - NIC-Components Corp. NMA Datasheet HTML 6Page - NIC-Components Corp. NMA Datasheet HTML 7Page - NIC-Components Corp. NMA Datasheet HTML 8Page - NIC-Components Corp. NMA Datasheet HTML 9Page - NIC-Components Corp. NMA Datasheet HTML 10Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
EIA Case Size
X7R 0603 - Soft Termination
Length (L)
1.6 ± 0.10
Width (W)
0.8 ± 0.10
Termination Width (P)
0.3 ± 0.20
Part Number
Capacitance
(
μF)
Voltage
(VDC)
Tolerance
Maximum
Thickness (mm)
NMA-P0603X7R154K16C4KR90QYF
0.15
16 V
±10%
0.90
NMA-P0603X7R224K16C4KR90QYF
0.22
16 V
±10%
0.90
NMA-P0603X7R334K16C4KR90QYF
0.33
16 V
±10%
0.90
NMA-P0603X7R474K16C4KR90QYF
0.47
16 V
±10%
0.90
NMA-P0603X7R684K16C4KR90QYF
0.68
16 V
±10%
0.90
NMA-P0603X7R105K16C4KR90QYF
1.0
16 V
±10%
0.90
NMA-P0603X7R154K25C4KR90QYF
0.15
25V
±10%
0.90
NMA-P0603X7R224K25C4KR90QYF
0.22
25V
±10%
0.90
NMA-P0603X7R334K25C4KR90QYF
0.33
25V
±10%
0.90
NMA-P0603X7R474K25C4KR90QYF
0.47
25V
±10%
0.90
EIA Case Size
X7R 0603 - Soft Termination (Open Mode)
Length (L)
1.6 ± 0.10
Width (W)
0.8 ± 0.10
Termination Width (P)
0.3 ± 0.20
Part Number
Capacitance
Voltage
(VDC)
Tolerance
Maximum
Thickness (mm)
NMA-S0603X7R473K16C4KR90QYF
0.047
μF
16 V
±10%
0.90
NMA-S0603X7R683K16C4KR90QYF
0.068
μF
16 V
±10%
0.90
NMA-S0603X7R104K16C4KR90QYF
0.1
μF
16 V
±10%
0.90
NMA-S0603X7R103K25C4KR90QYF
0.01
μF
25V
±10%
0.90
NMA-S0603X7R153K25C4KR90QYF
0.015
μF
25V
±10%
0.90
NMA-S0603X7R223K25C4KR90QYF
0.022
μF
25V
±10%
0.90
NMA-S0603X7R333K25C4KR90QYF
0.033
μF
25V
±10%
0.90
NMA-S0603X7R473K25C4KR90QYF
0.047
μF
25V
±10%
0.90
NMA-S0603X7R683K25C4KR90QYF
0.068
μF
25V
±10%
0.90
NMA-S0603X7R104K25C4KR90QYF
0.1
μF
25V
±10%
0.90
NMA-S0603X7R221K50C4KR90QYF
220pF
50V
±10%
0.90
NMA-S0603X7R471K50C4KR90QYF
470pF
50V
±10%
0.90
NMA-S0603X7R102K50C4KR90QYF
0.001
μF
50V
±10%
0.90
NMA-S0603X7R152K50C4KR90QYF
0.0015
μF
50V
±10%
0.90
NMA-S0603X7R222K50C4KR90QYF
0.0022
μF
50V
±10%
0.90
NMA-S0603X7R472K50C4KR90QYF
0.0047
μF
50V
±10%
0.90
NMA-S0603X7R103K50C4KR90QYF
0.01
μF
50V
±10%
0.90
NMA-S0603X7R153K50C4KR90QYF
0.015
μF
50V
±10%
0.90
NMA-S0603X7R223K50C4KR90QYF
0.022
μF
50V
±10%
0.90
NMA-S0603X7R333K50C4KR90QYF
0.033
μF
50V
±10%
0.90
NMA-S0603X7R473K50C4KR90QYF
0.047
μF
50V
±10%
0.90
NMA-S0603X7R683K50C4KR90QYF
0.068
μF
50V
±10%
0.90
NMA-S0603X7R104K50C4KR90QYF
0.1
μF
50V
±10%
0.90
NMA-S0603X7R221K100C4KR90QYF
220pF
100V
±10%
0.90
NMA-S0603X7R471K100C4KR90QYF
470pF
100V
±10%
0.90
NMA-S0603X7R102K100C4KR90QYF
0.001
μF
100V
±10%
0.90
NMA-S0603X7R152K100C4KR90QYF
0.0015
μF
100V
±10%
0.90
NMA-S0603X7R222K100C4KR90QYF
0.0022
μF
100V
±10%
0.90
NMA-S0603X7R332K100C4KR90QYF
0.0033
μF
100V
±10%
0.90
NMA-S0603X7R472K100C4KR90QYF
0.0047
μF
100V
±10%
0.90
NMA-S0603X7R103K100C4KR90QYF
0.01
μF
100V
±10%
0.90
NMA Series
Automotive Grade Ceramic Chip Capacitors
(CONSULT FACTORY
FOR CAPACITANCE
VALUES NOT LISTED)
P
P
L
W
T
0603 X7R Soft Terminations
0603 X7R Soft Terminations (Open Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com