Electronic Components Datasheet Search
  English  ▼

X  

NMA Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NMA
Description  Automotive Grade Ceramic Chip Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMA Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NMA Datasheet HTML 4Page - NIC-Components Corp. NMA Datasheet HTML 5Page - NIC-Components Corp. NMA Datasheet HTML 6Page - NIC-Components Corp. NMA Datasheet HTML 7Page - NIC-Components Corp. NMA Datasheet HTML 8Page - NIC-Components Corp. NMA Datasheet HTML 9Page - NIC-Components Corp. NMA Datasheet HTML 10Page - NIC-Components Corp. NMA Datasheet HTML 11Page - NIC-Components Corp. NMA Datasheet HTML 12Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
EIA Case Size
X7R 1206 Soft Termination
Length (L)
3.20 ± 0.20
Width (W)
1.60 ± 0.20
Termination Width (P)
0.5 ±0.30
Part Number
Capacitance
(
μF)
Voltage
(VDC)
Tolerance
Maximum
Thickness (mm)
NMA-P1206X7R155K16E2K180QYF
1.5
16 V
±10%
1.80
NMA-P1206X7R225K16E2K180QYF
2.2
16 V
±10%
1.80
NMA-P1206X7R335K16E2K180QYF
3.3
16 V
±10%
1.80
NMA-P1206X7R475K16E2K180QYF
4.7
16 V
±10%
1.80
NMA-P1206X7R155K25E2K180QYF
1.5
25V
±10%
1.80
NMA-P1206X7R225K25E2K180QYF
2.2
25V
±10%
1.80
NMA-P1206X7R335K25E2K180QYF
3.3
25V
±10%
1.80
NMA-P1206X7R475K25E2K180QYF
4.7
25V
±10%
1.80
NMA-P1206X7R155K50E2K180QYF
1.5
50V
±10%
1.80
NMA-P1206X7R225K50E2K180QYF
2.2
50V
±10%
1.80
(CONSULT FACTORY
FOR CAPACITANCE
VALUES NOT LISTED)
P
P
L
W
T
1206 X7R Soft Terminations
NMA Series
Automotive Grade Ceramic Chip Capacitors
EIA Case Size
X7R 1206 Soft Termination
Length (L)
3.20 ± 0.20
Width (W)
1.60 ± 0.20
Termination Width (P)
0.5 ±0.30
Part Number
Capacitance
(
μF)
Voltage
(VDC)
Tolerance
Maximum
Thickness (mm)
NMA-S1206X7R105K16E3K125QYF
1.0
16 V
±10%
1.25
NMA-S1206X7R224K25E3K100QYF
0.22
25V
±10%
1.00
NMA-S1206X7R334K25E3K100QYF
0.33
25V
±10%
1.00
NMA-S1206X7R474K25E3K100QYF
0.47
25V
±10%
1.00
NMA-S1206X7R684K25E3K125QYF
0.68
25V
±10%
1.25
NMA-S1206X7R105K25E3K125QYF
1.0
25V
±10%
1.25
NMA-S1206X7R104K50E3K100QYF
0.1
50V
±10%
1.00
NMA-S1206X7R154K50E3K125QYF
0.15
50V
±10%
1.25
NMA-S1206X7R224K50E3K125QYF
0.22
50V
±10%
1.25
NMA-S1206X7R334K50E2K180QYF
0.33
50V
±10%
1.80
NMA-S1206X7R474K50E2K180QYF
0.47
50V
±10%
1.80
NMA-S1206X7R684K50E2K180QYF
0.68
50V
±10%
1.80
NMA-S1206X7R105K50E2K180QYF
1.0
50V
±10%
1.80
(CONSULT FACTORY
FOR CAPACITANCE
VALUES NOT LISTED)
P
P
L
W
T
1206 X7R Soft Terminations (Open Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com