Electronic Components Datasheet Search
  English  ▼

X  

NMA Datasheet(PDF) 12 Page - NIC-Components Corp.

Part # NMA
Description  Automotive Grade Ceramic Chip Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMA Datasheet(HTML) 12 Page - NIC-Components Corp.

Back Button NMA Datasheet HTML 4Page - NIC-Components Corp. NMA Datasheet HTML 5Page - NIC-Components Corp. NMA Datasheet HTML 6Page - NIC-Components Corp. NMA Datasheet HTML 7Page - NIC-Components Corp. NMA Datasheet HTML 8Page - NIC-Components Corp. NMA Datasheet HTML 9Page - NIC-Components Corp. NMA Datasheet HTML 10Page - NIC-Components Corp. NMA Datasheet HTML 11Page - NIC-Components Corp. NMA Datasheet HTML 12Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
NMA Series
Automotive Grade Ceramic Chip Capacitors
EMBOSSED PLASTIC CARRIER TAPE DIMENSIONS (mm)
Type
A
o
B
o
WF
E
P1
P0
D0
t
1
t
2
0805
1.45 ± 0.2
2.3 ± 0.2
8.0 ± 0.3
3.5 ± 0.05 1.75 ± 0.01
4.0 ± 0.1
4.0 ± 0.1
1.5 +0.1/-0.03
0.6 max.
2.9 max.
1206
1.9 ± 0.2
3.6 ± 0.2
t
2
t
1
D
Po
W
F
Ao
P
1
Bo
E
0805/1206 CASE SIZE
REEL QUANTITIES
PUNCHED CARRIER TAPE DIMENSIONS (mm)
Type
A
o
B
o
W
F
E
P1
P0
D0
t max.
0402 0.61 ± 0.04 1.12 ± 0.04
8.0 ± 0.3
3.5 ± 0.05 1.75 ± 0.01
2.0 ± 0.05
4.0 ± 0.1
1.5 +0.1/-0.03
0.65
0603
1.1 ± 0.2
1.9 ± 0.2
4.0 ± 0.1
1.1
0805
1.6 ± 0.2
2.4 ± 0.2
Reel Size
0402
0603
0805
1206
T < 0.95mm
T > 1.0mm
T < 1.6mm
T > 1.6mm
7"
10,000
4,000
4,000
2,000
2,000 or 3,000
2,000
13"
50,000
10,000 or 15,000
10,000 or 15,000
10,000
10,000
8,000
t
D
Po
W
F
Ao
P1
Component
Pitch
Bo
E
0402 CASE SIZE
t
D
Po
W
F
Ao
P1
Component
Pitch
Bo
E
0603/0805 CASE SIZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com