Electronic Components Datasheet Search
  English  ▼

X  

NMA Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NMA
Description  Automotive Grade Ceramic Chip Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMA Datasheet(HTML) 5 Page - NIC-Components Corp.

  NMA Datasheet HTML 1Page - NIC-Components Corp. NMA Datasheet HTML 2Page - NIC-Components Corp. NMA Datasheet HTML 3Page - NIC-Components Corp. NMA Datasheet HTML 4Page - NIC-Components Corp. NMA Datasheet HTML 5Page - NIC-Components Corp. NMA Datasheet HTML 6Page - NIC-Components Corp. NMA Datasheet HTML 7Page - NIC-Components Corp. NMA Datasheet HTML 8Page - NIC-Components Corp. NMA Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
EIA Case Size
NPO 0603 - Standard Termination
Length (L)
1.6 ± 0.10
Width (W)
0.8 ± 0.10
Termination Width (P)
0.3 ± 0.20
Part Number
Capacitance
Voltage
(VDC)
Tolerance
Maximum
Thickness
NMA0603NPO4R7C50C4KR90QYF
4.7pF
50V
±0.25pF
0.90
NMA0603NPO6R8D50C4KR90QYF
6.8pF
50V
±0.5pF
0.90
NMA0603NPO100J50C4KR90QYF
10pF
50V
±5%
0.90
NMA0603NPO120J50C4KR90QYF
12pF
50V
±5%
0.90
NMA0603NPO150J50C4KR90QYF
15pF
50V
±5%
0.90
NMA0603NPO180J50C4KR90QYF
18pF
50V
±5%
0.90
NMA0603NPO220J50C4KR90QYF
22pF
50V
±5%
0.90
NMA0603NPO270J50C4KR90QYF
27pF
50V
±5%
0.90
NMA0603NPO330J50C4KR90QYF
33pF
50V
±5%
0.90
NMA0603NPO390J50C4KR90QYF
39pF
50V
±5%
0.90
NMA0603NPO470J50C4KR90QYF
47pF
50V
±5%
0.90
NMA0603NPO560J50C4KR90QYF
56pF
50V
±5%
0.90
NMA0603NPO680J50C4KR90QYF
68pF
50V
±5%
0.90
NMA0603NPO820J50C4KR90QYF
82pF
50V
±5%
0.90
NMA0603NPO101J50C4KR90QYF
100pF
50V
±5%
0.90
NMA0603NPO121J50C4KR90QYF
120pF
50V
±5%
0.90
NMA0603NPO151J50C4KR90QYF
150pF
50V
±5%
0.90
NMA0603NPO221J50C4KR90QYF
220pF
50V
±5%
0.90
NMA0603NPO271J50C4KR90QYF
270pF
50V
±5%
0.90
NMA0603NPO331J50C4KR90QYF
330pF
50V
±5%
0.90
NMA0603NPO391J50C4KR90QYF
390pF
50V
±5%
0.90
NMA0603NPO471J50C4KR90QYF
470pF
50V
±5%
0.90
NMA0603NPO561J50C4KR90QYF
560pF
50V
±5%
0.90
NMA0603NPO681J50C4KR90QYF
680pF
50V
±5%
0.90
NMA0603NPO821J50C4KR90QYF
820pF
50V
±5%
0.90
NMA0603NPO102J50C4KR90QYF
0.001
μF
50V
±5%
0.90
NMA0603NPO4R7C100C4KR90QYF
4.7pF
100 V
±0.25pF
0.90
NMA0603NPO6R8D100C4KR90QYF
6.8pF
100 V
±0.5pF
0.90
NMA0603NPO100J100C4KR90QYF
10pF
100 V
±5%
0.90
NMA0603NPO120J100C4KR90QYF
12pF
100 V
±5%
0.90
NMA0603NPO150J100C4KR90QYF
15pF
100 V
±5%
0.90
NMA0603NPO180J100C4KR90QYF
18pF
100 V
±5%
0.90
NMA0603NPO220J100C4KR90QYF
22pF
100 V
±5%
0.90
NMA0603NPO270J100C4KR90QYF
27pF
100 V
±5%
0.90
NMA0603NPO330J100C4KR90QYF
33pF
100 V
±5%
0.90
NMA0603NPO390J100C4KR90QYF
39pF
100 V
±5%
0.90
NMA0603NPO470J100C4KR90QYF
47pF
100 V
±5%
0.90
NMA0603NPO560J100C4KR90QYF
56pF
100 V
±5%
0.90
NMA0603NPO680J100C4KR90QYF
68pF
100 V
±5%
0.90
NMA0603NPO820J100C4KR90QYF
82pF
100 V
±5%
0.90
NMA0603NPO101J100C4KR90QYF
100pF
100 V
±5%
0.90
NMA Series
Automotive Grade Ceramic Chip Capacitors
(CONSULT FACTORY
FOR CAPACITANCE
VALUES NOT LISTED)
P
P
L
W
T
100% Sn over Ni barrier
0603 NPO Standard Terminations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com