Electronic Components Datasheet Search
  English  ▼

X  

NMA Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NMA
Description  Automotive Grade Ceramic Chip Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMA Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NMA Datasheet HTML 4Page - NIC-Components Corp. NMA Datasheet HTML 5Page - NIC-Components Corp. NMA Datasheet HTML 6Page - NIC-Components Corp. NMA Datasheet HTML 7Page - NIC-Components Corp. NMA Datasheet HTML 8Page - NIC-Components Corp. NMA Datasheet HTML 9Page - NIC-Components Corp. NMA Datasheet HTML 10Page - NIC-Components Corp. NMA Datasheet HTML 11Page - NIC-Components Corp. NMA Datasheet HTML 12Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
REEL DIMENSIONS (mm)
Parts with a thickness of >1mm will be taped on embossed
plastic carrier. Parts with a thickness of less then 1mm
will be taped on paper carrier
CARRIER TAPE MATERIAL
NMA Series
Automotive Grade Ceramic Chip Capacitors
C
T
A
REEL
Reel Diameter (A)
B
C
D
T max.
7” (178 + 0/- 0.3)
13 ± 0.3 80 +1/-0 21 ± 1.0 9.0 ± 0.5
13” (330 + 0/- 0.3)
RECOMMENDED SOLDERING METHOD
Dielectric
Case
Size
Capacitance
Value
Soldering Method
Flow
Reflow
NPO
All
All
O
O
X7R
0603
< 1
μFO
O
>1
μF
-
O
0805
< 4.7
μFO
O
> 4.7
μF
-
O
1206
< 10
μFO
O
Reflow Soldering Profile
Peak +260°C +0/-5°C for 10 sec. max.
Gradual
Cooling
Preheat
60 ~ 120 Sec.
60 ~ 150 Sec.
Heating
260
217
200
150
Time
Temp. Rise
Flow Soldering Profile
5 sec. max.
260 ± 3°C
Δ T 1206 and smaller
150°C max.
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com