Electronic Components Datasheet Search
  English  ▼

X  

NMA Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NMA
Description  Automotive Grade Ceramic Chip Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMA Datasheet(HTML) 4 Page - NIC-Components Corp.

  NMA Datasheet HTML 1Page - NIC-Components Corp. NMA Datasheet HTML 2Page - NIC-Components Corp. NMA Datasheet HTML 3Page - NIC-Components Corp. NMA Datasheet HTML 4Page - NIC-Components Corp. NMA Datasheet HTML 5Page - NIC-Components Corp. NMA Datasheet HTML 6Page - NIC-Components Corp. NMA Datasheet HTML 7Page - NIC-Components Corp. NMA Datasheet HTML 8Page - NIC-Components Corp. NMA Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
EIA Case Size
X7R 0402 Soft Termination
Length (L)
1.0 ± 0.05
Width (W)
0.5 ± 0.05
Termination Width (P)
0.2 +0.15/-0.10
Part Number
Capacitance
Voltage
(VDC)
Tolerance
Maximum
Thickness
NMA-P0402X7R102K16C10KR55QYF
0.001
μF
16 V
±10%
0.55
NMA-P0402X7R152K16C10KR55QYF
0.0015
μF
16 V
±10%
0.55
NMA-P0402X7R222K16C10KR55QYF
0.0022
μF
16 V
±10%
0.55
NMA-P0402X7R332K16C10KR55QYF
0.0033
μF
16 V
±10%
0.55
NMA-P0402X7R472K16C10KR55QYF
0.0047
μF
16 V
±10%
0.55
NMA-P0402X7R682K16C10KR55QYF
0.0068
μF
16 V
±10%
0.55
NMA-P0402X7R103K16C10KR55QYF
0.01
μF
16 V
±10%
0.55
NMA-P0402X7R153K16C10KR55QYF
0.015
μF
16 V
±10%
0.55
NMA-P0402X7R223K16C10KR55QYF
0.022
μF
16 V
±10%
0.55
NMA-P0402X7R473K16C10KR55QYF
0.047
μF
16 V
±10%
0.55
NMA-P0402X7R683K16C10KR55QYF
0.068
μF
16 V
±10%
0.55
NMA-P0402X7R104K16C10KR55QYF
0.1
μF
16 V
±10%
0.55
NMA-P0402X7R102K25C10KR55QYF
0.001
μF
25V
±10%
0.55
NMA-P0402X7R152K25C10KR55QYF
0.0015
μF
25V
±10%
0.55
NMA-P0402X7R222K25C10KR55QYF
0.0022
μF
25V
±10%
0.55
NMA-P0402X7R332K25C10KR55QYF
0.0033
μF
25V
±10%
0.55
NMA-P0402X7R472K25C10KR55QYF
0.0047
μF
25V
±10%
0.55
NMA-P0402X7R682K25C10KR55QYF
0.0068
μF
25V
±10%
0.55
NMA-P0402X7R103K25C10KR55QYF
0.01
μF
25V
±10%
0.55
NMA-P0402X7R153K25C10KR55QYF
0.015
μF
25V
±10%
0.55
NMA-P0402X7R223K25C10KR55QYF
0.022
μF
25V
±10%
0.55
NMA-P0402X7R331K50C10KR55QYF
330pF
50V
±10%
0.55
NMA-P0402X7R471K50C10KR55QYF
470pF
50V
±10%
0.55
NMA-P0402X7R681K50C10KR55QYF
680pF
50V
±10%
0.55
NMA-P0402X7R102K50C10KR55QYF
0.001
μF
50V
±10%
0.55
NMA-P0402X7R152K50C10KR55QYF
0.0015
μF
50V
±10%
0.55
NMA-P0402X7R222K50C10KR55QYF
0.0022
μF
50V
±10%
0.55
NMA-P0402X7R332K50C10KR55QYF
0.0033
μF
50V
±10%
0.55
NMA-P0402X7R472K50C10KR55QYF
0.0047
μF
50V
±10%
0.55
NMA-P0402X7R682K50C10KR55QYF
0.0068
μF
50V
±10%
0.55
NMA-P0402X7R103K50C10KR55QYF
0.01
μF
50V
±10%
0.55
NMA-P0402X7R153K50C10KR55QYF
0.015
μF
50V
±10%
0.55
NMA-P0402X7R223K50C10KR55QYF
0.022
μF
50V
±10%
0.55
NMA Series
Automotive Grade Ceramic Chip Capacitors
(CONSULT FACTORY
FOR CAPACITANCE
VALUES NOT LISTED)
P
P
L
W
T
100% Sn over Ni barrier
0402 X7R Soft Terminations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com