Electronic Components Datasheet Search
  English  ▼

X  

NMA Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NMA
Description  Automotive Grade Ceramic Chip Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMA Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NMA Datasheet HTML 4Page - NIC-Components Corp. NMA Datasheet HTML 5Page - NIC-Components Corp. NMA Datasheet HTML 6Page - NIC-Components Corp. NMA Datasheet HTML 7Page - NIC-Components Corp. NMA Datasheet HTML 8Page - NIC-Components Corp. NMA Datasheet HTML 9Page - NIC-Components Corp. NMA Datasheet HTML 10Page - NIC-Components Corp. NMA Datasheet HTML 11Page - NIC-Components Corp. NMA Datasheet HTML 12Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
NMA Series
Automotive Grade Ceramic Chip Capacitors
EIA Case Size
X7R 0805 Soft Termination
Length (L)
2.0 ± 0.20
Width (W)
1.25 ± 0.20
Termination Width (P)
0.5 +0.20/-0.30
Part Number
Capacitance
(
μF)
Voltage
(VDC)
Tolerance
Maximum
Thickness (mm)
NMA-P0805X7R154K16E2K135QYF
0.15
16 V
±10%
1.35
NMA-P0805X7R224K16E2K135QYF
0.22
16 V
±10%
1.35
NMA-P0805X7R334K16E2K135QYF
0.33
16 V
±10%
1.35
NMA-P0805X7R474K16E2K135QYF
0.47
16 V
±10%
1.35
NMA-P0805X7R684K16E2K135QYF
0.68
16 V
±10%
1.35
NMA-P0805X7R105K16E2K135QYF
1.0
16 V
±10%
1.35
NMA-P0805X7R225K16E2K135QYF
2.2
16 V
±10%
1.35
NMA-P0805X7R154K25E2K135QYF
0.15
25V
±10%
1.35
NMA-P0805X7R224K25E2K135QYF
0.22
25V
±10%
1.35
NMA-P0805X7R334K25E2K135QYF
0.33
25V
±10%
1.35
NMA-P0805X7R474K25E2K135QYF
0.47
25V
±10%
1.35
NMA-P0805X7R684K25E2K135QYF
0.68
25V
±10%
1.35
NMA-P0805X7R105K25E2K135QYF
1.0
25V
±10%
1.35
NMA-P0805X7R154K50E2K135QYF
0.15
50V
±10%
1.35
NMA-P0805X7R224K50E2K135QYF
0.22
50V
±10%
1.35
NMA-P0805X7R334K50E2K135QYF
0.33
50V
±10%
1.35
NMA-P0805X7R474K50E2K135QYF
0.47
50V
±10%
1.35
(CONSULT FACTORY
FOR CAPACITANCE
VALUES NOT LISTED)
P
P
L
W
T
0805 X7R Soft Terminations
EIA Case Size
NPO 0805 Standard Termination
Length (L)
2.0 ± 0.20
Width (W)
1.25 ± 0.20
Termination Width (P)
0.5 +0.20/-0.30
Part Number
Capacitance
(pF)
Voltage
(VDC)
Tolerance
Maximum
Thickness (mm)
NMA0805NPO220J100C4KR70QYF
22
100
±5%
0.70
NMA0805NPO270J100C4KR70QYF
27
100
±5%
0.70
NMA0805NPO330J100C4KR70QYF
33
100
±5%
0.70
NMA0805NPO390J100C4KR70QYF
39
100
±5%
0.70
NMA0805NPO470J100C4KR70QYF
47
100
±5%
0.70
NMA0805NPO560J100C4KR70QYF
56
100
±5%
0.70
NMA0805NPO680J100C4KR70QYF
68
100
±5%
0.70
NMA0805NPO820J100C4KR70QYF
82
100
±5%
0.70
NMA0805NPO101J100C4KR70QYF
100
100
±5%
0.70
NMA0805NPO121J100C4KR70QYF
120
100
±5%
0.70
NMA0805NPO151J100C4KR70QYF
150
100
±5%
0.70
NMA0805NPO221J100C4KR70QYF
220
100
±5%
0.70
NMA0805NPO271J100C4KR70QYF
270
100
±5%
0.70
NMA0805NPO331J100C4KR70QYF
330
100
±5%
0.70
NMA0805NPO471J100C4KR95QYF
470
100
±5%
0.95
NMA0805NPO561J100C4KR95QYF
560
100
±5%
0.95
NMA0805NPO681J100C4KR95QYF
680
100
±5%
0.95
NMA0805NPO821J100C4KR95QYF
820
100
±5%
0.95
NMA0805NPO102J100C4KR95QYF
1000
100
±5%
0.95
NMA0805NPO102J100E2K135QYF
1000
100
±5%
1.35
0805 NPO Standard Terminations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com