Electronic Components Datasheet Search
  English  ▼

X  

NMA Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NMA
Description  Automotive Grade Ceramic Chip Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMA Datasheet(HTML) 3 Page - NIC-Components Corp.

  NMA Datasheet HTML 1Page - NIC-Components Corp. NMA Datasheet HTML 2Page - NIC-Components Corp. NMA Datasheet HTML 3Page - NIC-Components Corp. NMA Datasheet HTML 4Page - NIC-Components Corp. NMA Datasheet HTML 5Page - NIC-Components Corp. NMA Datasheet HTML 6Page - NIC-Components Corp. NMA Datasheet HTML 7Page - NIC-Components Corp. NMA Datasheet HTML 8Page - NIC-Components Corp. NMA Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
EIA Case Size
NPO 0402 Standard Terminations
Length (L)
1.0 ± 0.05
Width (W)
0.5 ± 0.05
Termination Width (P)
0.2 +0.15/-0.10
Part Number
Capacitance
(pF)
Voltage
(VDC)
Tolerance
Maximum
Thickness
NMA0402NPO4R7C50C10KR55QYF
4.7
50V
±0.25pF
0.55
NMA0402NPO6R8D50C10KR55QYF
6.8
50V
±0.5pF
0.55
NMA0402NPO100J50C10KR55QYF
10
50V
±5%
0.55
NMA0402NPO120J50C10KR55QYF
12
50V
±5%
0.55
NMA0402NPO150J50C10KR55QYF
15
50V
±5%
0.55
NMA0402NPO180J50C10KR55QYF
18
50V
±5%
0.55
NMA0402NPO220J50C10KR55QYF
22
50V
±5%
0.55
NMA0402NPO270J50C10KR55QYF
27
50V
±5%
0.55
NMA0402NPO330J50C10KR55QYF
33
50V
±5%
0.55
NMA0402NPO390J50C10KR55QYF
39
50V
±5%
0.55
NMA0402NPO470J50C10KR55QYF
47
50V
±5%
0.55
NMA0402NPO560J50C10KR55QYF
56
50V
±5%
0.55
NMA0402NPO680J50C10KR55QYF
68
50V
±5%
0.55
NMA0402NPO820J50C10KR55QYF
82
50V
±5%
0.55
NMA0402NPO101J50C10KR55QYF
100
50V
±5%
0.55
NMA0402NPO121J50C10KR55QYF
120
50V
±5%
0.55
NMA0402NPO151J50C10KR55QYF
150
50V
±5%
0.55
NMA0402NPO221J50C10KR55QYF
220
50V
±5%
0.55
NMA0402NPO4R7C100C10KR55QYF
4.7
100 V
±0.25pF
0.55
NMA0402NPO6R8D100C10KR55QYF
6.8
100 V
±0.5pF
0.55
NMA0402NPO100J100C10KR55QYF
10
100 V
±5%
0.55
NMA0402NPO120J100C10KR55QYF
12
100 V
±5%
0.55
NMA0402NPO150J100C10KR55QYF
15
100 V
±5%
0.55
NMA0402NPO180J100C10KR55QYF
18
100 V
±5%
0.55
NMA0402NPO220J100C10KR55QYF
22
100 V
±5%
0.55
NMA0402NPO270J100C10KR55QYF
27
100 V
±5%
0.55
NMA0402NPO330J100C10KR55QYF
33
100 V
±5%
0.55
NMA0402NPO390J100C10KR55QYF
39
100 V
±5%
0.55
NMA0402NPO470J100C10KR55QYF
47
100 V
±5%
0.55
NMA0402NPO560J100C10KR55QYF
56
100 V
±5%
0.55
NMA0402NPO680J100C10KR55QYF
68
100 V
±5%
0.55
NMA0402NPO820J100C10KR55QYF
82
100 V
±5%
0.55
NMA0402NPO101J100C10KR55QYF
100
100 V
±5%
0.55
(CONSULT FACTORY
FOR CAPACITANCE
VALUES NOT LISTED)
P
P
L
W
T
100% Sn over Ni barrier
NMA Series
Automotive Grade Ceramic Chip Capacitors
0402 NPO Standard Terminations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com