Electronic Components Datasheet Search
  English  ▼

X  

NMA Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NMA
Description  Automotive Grade Ceramic Chip Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMA Datasheet(HTML) 1 Page - NIC-Components Corp.

  NMA Datasheet HTML 1Page - NIC-Components Corp. NMA Datasheet HTML 2Page - NIC-Components Corp. NMA Datasheet HTML 3Page - NIC-Components Corp. NMA Datasheet HTML 4Page - NIC-Components Corp. NMA Datasheet HTML 5Page - NIC-Components Corp. NMA Datasheet HTML 6Page - NIC-Components Corp. NMA Datasheet HTML 7Page - NIC-Components Corp. NMA Datasheet HTML 8Page - NIC-Components Corp. NMA Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
FEATURES
• MANUFACTURED AT ISO/TS 16949 PRODUCTION FACILITY
• AEC-Q200 QUALIFIED
• SURFACE MOUNT CASE SIZES 0402, 0603, 0805 & 1206
• AVAILABLE IN NPO & X7R DIELECTRICS
• AVAILABLE WITH FLEX TERMINATIONS & OPEN MODE
CONSTRUCTION
NMA Series
Automotive Grade Ceramic Chip Capacitors
CHARACTERISTICS
Type
NPO
X7R
Capacitance Range
4.7pF ~ 0.01
μF
220pF ~ 4.7
μF
Capacitance Tolerance
<5pF: C (±0.25pF), 5pF ~ <10pF: D (±0.5pF), >10pF: J (±5%)
±10% (K)
Operating Temperature Range
-55°C ~ +125°C
-55°C ~ +125°C
Temperature Characteristics
0±30 ppm/°C
±15%
Rated Voltages
50V & 100V
16V, 25V, 50V & 100V
Q Factor
Cap. <30pF: Q = 1,000 min.
Cap. >30pF: Q = 400 +20xC
-
Dissipation Factor
-
3.5% max.
Insulation Resistance @ 25°C
@ < Rated Voltage for 60 Sec.
100,000M
Ω or 1,000MΩ • μF
Whichever is less
10,000M
Ω or 500MΩ • μF
Whichever is less
Insulation Resistance @ 125°C
@ < Rated Voltage for 60 Sec.
10,000M
Ω or 100MΩ • μF
Whichever is less
1,000M
Ω or 10MΩ • μF
Whichever is less
Dielectric Withstanding Voltage
250% of rated voltage for 1~5 sec, 50mA current maximum
Test Conditions (EIA-198-2E)
<1000pF (1MHz±10%), 0.5~5Vrms
>1000pF (1KHz ±10%), 1.0Vrms ± 0.2Vrms
1KHz, 1.0V ±0.2Vrms
NMA -P 0805 X7R 105 K 25 E 3K 135 Q Y F
RoHS Compliant
Q = AEC-Q200 qualification
Component thickness in mm: 135 = 1.35mm, R90 = 0.90mm
Reel Quantity: 3K = 3,000 pieces
Packaging: C = 7" reel, paper carrier
D = 13" reel, paper carrier
E = 7" reel, embossed plastic carrier
F = 13" reel, embossed plastic carrier
Voltage (Vdc)
Capacitance Tolerance Code (see chart)
Capacitance Code, expressed in pF, first 2 digits are
significant, 3rd digit is no. of zeros, “R” indicates
decimal for under 10pF
Temperature Characteristic
Size Code (see chart)
Construction Type: No Code = Standard BME construction Ni/Cu/Ni-Sn)
P = Soft termination
S = Soft termination with Open Mode Construction
Series
PART NUMBER SYSTEM
"Y" denotes suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site


Similar Part No. - NMA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMA CANDD-NMA Datasheet
168Kb / 2P
Isolated 1W Dual Output DC-DC Converters
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
Micronetics, Inc.
NMA-2001 MICRONETICS-NMA-2001 Datasheet
180Kb / 1P
NMA 2000 NOISE SOURCE SERIES
NMA-2002 MICRONETICS-NMA-2002 Datasheet
180Kb / 1P
NMA 2000 NOISE SOURCE SERIES
NMA-2003 MICRONETICS-NMA-2003 Datasheet
180Kb / 1P
NMA 2000 NOISE SOURCE SERIES
More results

Similar Description - NMA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA5L2X8R1E105KTXXXX TDK-CGA5L2X8R1E105KTXXXX Datasheet
1Mb / 36P
Automotive Grade Capacitors
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
chip monolithic ceramic capacitors for automotive
GCM1555C1H1R8CA16 MURATA-GCM1555C1H1R8CA16 Datasheet
834Kb / 29P
Chip Multilayer Ceramic Capacitors for Automotive
GCM1555C1H8R2DA16 MURATA-GCM1555C1H8R2DA16 Datasheet
843Kb / 29P
Chip Multilayer Ceramic Capacitors for Automotive
GCM1555C1H681JA16 MURATA-GCM1555C1H681JA16 Datasheet
839Kb / 29P
Chip Multilayer Ceramic Capacitors for Automotive
logo
Vishay Siliconix
AY2 VISHAY-AY2_18 Datasheet
355Kb / 13P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
29-Mar-18
logo
M-System Co.,Ltd.
AY1 MSYSTEM-AY1 Datasheet
306Kb / 12P
Automotive Grade AC Line Rated Ceramic Disc Capacitors
logo
Vishay Siliconix
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
logo
Murata Manufacturing Co...
GCM188R71H224KA49 MURATA1-GCM188R71H224KA49 Datasheet
793Kb / 4P
Automotive chip multilayer ceramic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com