Electronic Components Datasheet Search
  English  ▼

X  

NMA Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NMA
Description  Automotive Grade Ceramic Chip Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMA Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NMA Datasheet HTML 4Page - NIC-Components Corp. NMA Datasheet HTML 5Page - NIC-Components Corp. NMA Datasheet HTML 6Page - NIC-Components Corp. NMA Datasheet HTML 7Page - NIC-Components Corp. NMA Datasheet HTML 8Page - NIC-Components Corp. NMA Datasheet HTML 9Page - NIC-Components Corp. NMA Datasheet HTML 10Page - NIC-Components Corp. NMA Datasheet HTML 11Page - NIC-Components Corp. NMA Datasheet HTML 12Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
EIA Case Size
X7R 0805 Soft Termination (Open Mode)
Length (L)
2.0 ± 0.20
Width (W)
1.25 ± 0.20
Termination Width (P)
0.5 +0.20/-0.30
Part Number
Capacitance
(
μF)
Voltage
(VDC)
Tolerance
Maximum
Thickness (mm)
NMA-S0805X7R104K16C4KR95QYF
0.1
16 V
±10%
0.95
NMA-S0805X7R473K25C4KR95QYF
0.047
25V
±10%
0.95
NMA-S0805X7R683K25C4KR95QYF
0.068
25V
±10%
0.95
NMA-S0805X7R104K25C4KR95QYF
0.1
25V
±10%
0.95
NMA-S0805X7R102K50C4KR70QYF
0.001
50V
±10%
0.70
NMA-S0805X7R222K50C4KR70QYF
0.0022
50V
±10%
0.70
NMA-S0805X7R472K50C4KR70QYF
0.0047
50V
±10%
0.70
NMA-S0805X7R103K50C4KR70QYF
0.01
50V
±10%
0.70
NMA-S0805X7R153K50C4KR70QYF
0.015
50V
±10%
0.70
NMA-S0805X7R223K50C4KR70QYF
0.022
50V
±10%
0.70
NMA-S0805X7R333K50C4KR95QYF
0.033
50V
±10%
0.95
NMA-S0805X7R473K50C4KR95QYF
0.047
50V
±10%
0.95
NMA-S0805X7R683K50C4KR95QYF
0.068
50V
±10%
0.95
NMA-S0805X7R104K50C4KR95QYF
0.1
50V
±10%
0.95
NMA-S0805X7R104K50E2K135QYF
0.1
50V
±10%
1.35
NMA-S0805X7R102K100C4KR70QYF
0.001
100V
±10%
0.70
NMA-S0805X7R222K100C4KR70QYF
0.0022
100V
±10%
0.70
NMA-S0805X7R472K100C4KR70QYF
0.0047
100V
±10%
0.70
NMA-S0805X7R103K100C4KR70QYF
0.01
100V
±10%
0.70
NMA-S0805X7R153K100C4KR70QYF
0.015
100V
±10%
0.70
NMA-S0805X7R223K100C4KR70QYF
0.022
100V
±10%
0.70
NMA-S0805X7R333K100C4KR95QYF
0.033
100V
±10%
0.95
NMA-S0805X7R473K100C4KR95QYF
0.047
100V
±10%
0.95
NMA-S0805X7R683K100C4KR95QYF
0.068
100V
±10%
0.95
NMA-S0805X7R104K100C4KR95QYF
0.1
100V
±10%
0.95
NMA-S0805X7R104K100E2K135QYF
0.1
100V
±10%
1.35
(CONSULT FACTORY
FOR CAPACITANCE
VALUES NOT LISTED)
P
P
L
W
T
0805 X7R Soft Terminations (Open Mode)
NMA Series
Automotive Grade Ceramic Chip Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com