Electronic Components Datasheet Search
  English  ▼

X  

EM73P982 Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # EM73P982
Description  4-BIT MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P982 Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button EM73P982 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
20
* This specification are subject to be changed without notice.
EM73P982
EM73P982
EM73P982
EM73P982
EM73P982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
12.25.2001
EI
: Enable interrupt Flip-Flop can promit or inhibit all interrupt sources, when inter-
rupt happened, EI is cleared to "0" automatically, after RTI instruction happened,
EI will be set to "1" again.
Priority checker: Check interrupt priority when multiple interrupts happened.
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
The procedure of interrupt operation:
1. Push PC and all flags to stack.
2. Set interrupt entry address into PC.
3. Set SF= 1.
4. Clear EI to inhibit other interrupts happened.
5. Clear the IL for which interrupt source has already be accepted.
6. To excute interrupt subroutine from the interrupt entry address.
7. CPU accept RTI, restore PC and flags from stack. Set EI to accept other interrupt requests.
PROGRAM EXAMPLE: To enable interrupt of "INT0, TRGA"
LDIA #1100B;
EXAE; set mask register "1100B"
EICIL 111111B ; enable interrupt F.F.
POWER SAVING FUNCTION ( Sleep / Hold functlon )
POWER SAVING FUNCTION ( Sleep / Hold functlon )
POWER SAVING FUNCTION ( Sleep / Hold functlon )
POWER SAVING FUNCTION ( Sleep / Hold functlon )
POWER SAVING FUNCTION ( Sleep / Hold functlon )
During sleep and hold condition, CPU holds the system's internal status with a low power consumption, for
the sleep mode, the system clock will be stoped in the sleep condition and system need a warm up time for
the stability of system clock running after wakeup. In the other way, for the hold mode, the system clock
does not stop at all and it does not need a warm-up time any way.
The sleep and hold mode is controlled by Port 16 and released by P0(0..3)/WAKEUP0..3 or P8(0..3)/
WAKEUPA..D.
Sleep and hold condition:
1. Osc stop (sleep only) and CPU internal status held.
2. Internal time base clear to "0".
P16
3
2
1
0
initial value :0000
SWWT Set wake-up warm-up time
2
/XIN
2
/XIN
2
/XIN
Hold mode
SE Enable sleep/hold
0
Reserved
1
Enable sleep / hold rnode
0
1
Wake-up in edge release mode
Wake-up in level release mode
0 0
0 1
1 0
1 1
18
14
16
WM SE
SWWT
WM Set wake-up release mode
3. CPU internal memory, flags, register, I/O held original states.
4. Program counter hold the executed address after sleep release.
Release condition:
1. Osc start to oscillating (sleep only).
2. Warm-up time passing (sleep only).
3. According PC to execute the following program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com